Electronic Components Datasheet Search
  English  ▼

X  

ACE4054C Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE4054C
Description  500mA/1.5A Standalone Linear Li-Ion Battery Charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054C Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE4054C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ACE4054C
500mA/1.5A Standalone Linear Li-Ion Battery Charge
VER 1.2
9
During charging, the transient response of the circuit can cause the PROG pin to fall below 100mV
temporarily before the battery is fully charged, thus can cause a premature termination of the charge
cycle. A 1ms filter time (tTERM) on the termination comparator can prevent this from happening. Once the
average charge current drops below 1/10th the programmed value, the ACE4054C terminates the charge
cycle and ceases to provide any current through the BAT pin. In this state, all loads on the BAT pin must
be supplied by the battery.
The ACE4054C constantly monitors the BAT pin voltage in standby mode and resume another charge
cycle if this voltage drops below the recharge threshold (VRECHRG). User can also manually restart a
charge cycle in standby mode either by removing and then reapplied the input voltage or restart the
charger using the PROG pin. A diagram of typical charge cycle is shown in Figure 1.
Figure 1. Charge Cycle Diagram
Charge Status Indicator (CHRG)
There are two different states of the charge status output, namely pull-down and high impedance. The
pull-down state indicates that the ACE4054C is in a charge cycle. When the charge cycle has terminated,
the pin state is then determined by undervoltage lockout conditions. If the difference between VCC and
BAT pin voltage is less than 100mV or insufficient voltage is applied to the VCC pin, High impedance
appears on the charge statues pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com