Electronic Components Datasheet Search
  English  ▼

X  

XC2407 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC2407
Description  1.6GHz ON/OFF Function LNA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2407 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC2407 Datasheet HTML 1Page - Torex Semiconductor XC2407 Datasheet HTML 2Page - Torex Semiconductor XC2407 Datasheet HTML 3Page - Torex Semiconductor XC2407 Datasheet HTML 4Page - Torex Semiconductor XC2407 Datasheet HTML 5Page - Torex Semiconductor XC2407 Datasheet HTML 6Page - Torex Semiconductor XC2407 Datasheet HTML 7Page - Torex Semiconductor XC2407 Datasheet HTML 8Page - Torex Semiconductor XC2407 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
XC2407A816UR-G
1.6GHz ON/OFF Function LNA
.
* RBIAS should be used in ±1% tolerance and ±200ppm/℃ temperature stability.
VDD [V] (TYP.)
RBIAS [Ω]
3.45
620
3.00
470
2.85
430
1.80
150
■GENERAL DESCRIPTION
The XC2407A816UR-G is an ultra-low-noise amplifier (LNA) with low operating voltage, low noise figure (NF), low power
consumption using CMOS process, The XC2407 is designed for GPS band frequency (1.6GHz).
The IC's internal circuit can be placed in stand-by mode via the CE function, In the stand-by mode, consumption current is
greatly reduced and there is no need to add external ON/OFF control function like LDO.
External RBIAS can adjust power supply to any voltage of 1.71V~3.63V as self bias function. Standard power supply voltages
are 3.45V, 3.00V, 2.85V and 1.80V.
■APPLICATIONS
●GPS band RF signal amplified
■TYPICAL APPLICATION CIRCUIT
ETR2705-002a
■
FEATURES
Noise Figure
: NF=0.96dB (TYP.) (@1.575GHz)
Low Power Consumption
: 7.02mW (TYP.) (VDD=1.80V, RBIAS=430Ω)
High Gain
: S21=15dB (TYP.) (@1.575GHz)
CE Function
: CE “H” 1.1V~VDD (1.71V≦VDD≦3.15V)
CE ”L” 0V~0.4V
Operation Voltage Range
: 1.71V~3.63V
Output
: CMOS Output
50Ω Driver Built-in
Operating Temperature Range
:- 40℃~+ 85℃
Package
: USP-8A01
Environmentally Friendly
: EU RoHS Compliant, Pb Free
TOP VIEW
■
TYPICAL PERFORMANCE
CHARACTERISTICS
X C240 7A816
10
11
12
13
14
15
16
1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2
Frequency : f (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDD=VCE=2.85V, Ta=25℃
Power Gain / Noise Figure vs. Frequency


Similar Part No. - XC2407

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2407-12 TOREX-XC2407-12 Datasheet
442Kb / 18P
1.6GHz ON/OFF Function LNA
XC2407A816UR-G TOREX-XC2407A816UR-G Datasheet
481Kb / 18P
1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2407A816UR-G TOREX-XC2407A816UR-G Datasheet
442Kb / 18P
1.6GHz ON/OFF Function LNA
XC2407 TOREX-XC2407_12 Datasheet
442Kb / 18P
1.6GHz ON/OFF Function LNA
XC2407 TOREX-XC2407_15 Datasheet
442Kb / 18P
1.6GHz ON/OFF Function LNA
More results

Similar Description - XC2407

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2406 TOREX-XC2406_12 Datasheet
405Kb / 18P
1.6GHz ON/OFF Function LNA
XC2407 TOREX-XC2407_12 Datasheet
442Kb / 18P
1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_12 Datasheet
415Kb / 18P
1.6GHz ON/OFF Function LNA
XC2406-12 TOREX-XC2406-12 Datasheet
405Kb / 18P
1.6GHz ON/OFF Function LNA
XC2407-12 TOREX-XC2407-12 Datasheet
442Kb / 18P
1.6GHz ON/OFF Function LNA
XC2408-12 TOREX-XC2408-12 Datasheet
415Kb / 18P
1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406 Datasheet
405Kb / 18P
1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_15 Datasheet
405Kb / 18P
1.6GHz ON/OFF Function LNA
XC2407 TOREX-XC2407_15 Datasheet
442Kb / 18P
1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_15 Datasheet
415Kb / 18P
1.6GHz ON/OFF Function LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com