Electronic Components Datasheet Search
  English  ▼

X  

XC2407 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC2407
Description  1.6GHz ON/OFF Function LNA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2407 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC2407 Datasheet HTML 1Page - Torex Semiconductor XC2407 Datasheet HTML 2Page - Torex Semiconductor XC2407 Datasheet HTML 3Page - Torex Semiconductor XC2407 Datasheet HTML 4Page - Torex Semiconductor XC2407 Datasheet HTML 5Page - Torex Semiconductor XC2407 Datasheet HTML 6Page - Torex Semiconductor XC2407 Datasheet HTML 7Page - Torex Semiconductor XC2407 Datasheet HTML 8Page - Torex Semiconductor XC2407 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
XC2407A816UR-G
■
ELECTRICAL CHARACTERISTICS
●DC Characteristics
Ta=25℃
(*1) For the relation of VDD and RBIAS, Please refer to the “Power Supply Voltage vs. RBIAS Table” below.
(*2) RBIAS should be used in ±1% tolerance and ±200ppm/℃ temperature stability.
●
AC Characteristics
VDD=VCE=2.85V, RBIAS=430Ω, Ta=25℃
(*1) NF is the value excluding the substrate loss.
Power Supply Voltage vs. RBIAS
VDD [V]
RBIAS [Ω]
3.278~3.630
620
2.850~3.150
470
2.708~2.992
430
1.710~1.890
150
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
RBIAS=620Ω
(*2)
3.278
3.450
3.630
V
①
RBIAS=470Ω
(*2)
2.850
3.000
3.150
V
①
RBIAS=430Ω
(*2)
2.708
2.850
2.992
V
①
Power Supply Voltage
VDD
RBIAS=150Ω
(*2)
1.710
1.800
1.890
V
①
Current Circuit
IDD
1.71V≦VDD≦3.63V
(*1)
VCE=VDD
-
3.9
7.5
mA
①
Stand-by Current
ISTBY
1.71V≦VDD≦3.63V
(*1)
VCE=0V
-
-
0.1
μ
A
①
1.71V≦VDD≦3.15V
1.1
-
VDD
V
①
CE "H" Level Voltage
VCEH
3.15V<VDD≦3.63V
1.3
-
VDD
V
①
CE "L" Level Voltage
VCEL
-
0
-
0.4
V
①
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Power Gain
S21
f=1.575GHz
13.5
15.0
-
dB
②
Input Return Loss
S11
f=1.575GHz
-
9.5
-
dB
②
Output Return Loss
S22
f=1.575GHz
-
9.5
-
dB
②
Isolation
S12
f=1.575GHz
-
-20
-
dB
②
Noise Figure
(*1)
NF
f=1.575GHz
-
0.96
-
dB
③
Input Power IP3
IIP3
f=1.575GHz, 1.576GHz
-
-5.1
-
dBm
④
Input Power IP2
IIP
2
f=0.8GHz, 2.375GHz
-
10.3
-
dBm
④
Input Power @ 1dB
Gain Conpression
P1dB
f=1.575GHz
-
-19
-
dBm
②



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com