Electronic Components Datasheet Search
  English  ▼

X  

XC2407 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC2407
Description  1.6GHz ON/OFF Function LNA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2407 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC2407 Datasheet HTML 9Page - Torex Semiconductor XC2407 Datasheet HTML 10Page - Torex Semiconductor XC2407 Datasheet HTML 11Page - Torex Semiconductor XC2407 Datasheet HTML 12Page - Torex Semiconductor XC2407 Datasheet HTML 13Page - Torex Semiconductor XC2407 Datasheet HTML 14Page - Torex Semiconductor XC2407 Datasheet HTML 15Page - Torex Semiconductor XC2407 Datasheet HTML 16Page - Torex Semiconductor XC2407 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
XC2407A816UR-G
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(19) 1dB利得圧縮時入力電力 - 周囲温度特性例
(20) 挿入電力利得 - 周波数特性例
(21) 入力側リターンロス - 周波数特性例
(22) 出力側リターンロス - 周波数特性例
(23) アイソレーション - 周波数特性例
(24) 挿入電力利得-入力電力特性例
XC2407A816
4
6
8
10
12
14
16
18
20
1
1.2
1.4
1.6
1.8
2
Frequency: f (GHz)
85℃
25℃
-40℃
V
DD=VCE=2.85V
XC2407A816
-12
-10
-8
-6
-4
-2
0
1
1.2
1.4
1.6
1.8
2
Frequency : f (GHz)
25℃
-40℃
85℃
V
DD=VCE=2.85V
XC2407A816
-16
-14
-12
-10
-8
-6
-4
-2
0
1
1.2
1.4
1.6
1.8
2
Frequency : f (GHz)
25℃
-40℃
85℃
V
DD=VCE=2.85V
XC2407A816
-60
-50
-40
-30
-20
-10
0
1
1.2
1.4
1.6
1.8
2
Frequency : f (GHz)
25℃
-40℃
85℃
V
DD=VCE=2.85V
XC2407A816
6
8
10
12
14
16
18
20
-40
-35
-30
-25
-20
-15
-10
Input Power : PIN (dBm)
85℃
25℃ -40℃
V
DD=VCE=2.85V
XC2407A816
-20
-19
-18
-17
-16
-15
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
V
DD=VCE=2.85V,f=1.575GHz
(19) Input Power @ 1dB Gain Compression vs. Ambient Temperature
(20) Power Gain vs. Frequency
(21) Input Return Loss vs. Frequency
(22) Output Return Loss vs. Frequency
(23) Isolation vs. Frequency
(24) Power Gain vs. Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com