Electronic Components Datasheet Search
  English  ▼

X  

XC2407 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2407
Description  1.6GHz ON/OFF Function LNA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2407 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2407 Datasheet HTML 1Page - Torex Semiconductor XC2407 Datasheet HTML 2Page - Torex Semiconductor XC2407 Datasheet HTML 3Page - Torex Semiconductor XC2407 Datasheet HTML 4Page - Torex Semiconductor XC2407 Datasheet HTML 5Page - Torex Semiconductor XC2407 Datasheet HTML 6Page - Torex Semiconductor XC2407 Datasheet HTML 7Page - Torex Semiconductor XC2407 Datasheet HTML 8Page - Torex Semiconductor XC2407 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
XC2407A816UR-G
■
ABSOLUTE MAXIMUM RATINGS
* All voltages are described based on the VSS1 and VSS2 pin.
VSS1 pin and VSS2 pin should be connected each other outside.
(*1) The maximum value should be either VDD+0.3V or +4.00V in the lowest.
(*2) The maximum value should be either RBIAS2+0.3V or +1.60V in the lowest.
(*3) The maximum value should be either RBIAS2 or +1.60V in the lowest.
PARAMETER
SYMBOL
RATINGS
UNITS
Power Supply Voltage
VDD
-0.3∼4.0
V
CE Input Voltage
VCE
-0.3∼VDD+0.3 or 4.0
(*1)
V
Current Circuit
IDD
42
mA
RBIAS1 Input Voltage
RBIAS1
-0.3∼VDD+0.3 or 4.0
(*1)
V
RBIAS2 Input Voltage
RBIAS2
-0.3∼+1.6
V
RF Input Power
PIN
10
dBm
RF_IN Input Voltege
VRF_IN
-0.3∼RBIAS2+0.3 or +1.6
(*2)
V
RF_OUT Input Voltege
VRF_OUT
0∼RBIAS2 or +1.6
(*3)
V
Power Dissipation
Pd
120
mW
Operating Ambient Temperature
Topr
-40∼+85
℃
Storage Temperature
Tstg
-55∼+125
℃
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com