Electronic Components Datasheet Search
  English  ▼

X  

XC2407 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC2407
Description  1.6GHz ON/OFF Function LNA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2407 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC2407 Datasheet HTML 10Page - Torex Semiconductor XC2407 Datasheet HTML 11Page - Torex Semiconductor XC2407 Datasheet HTML 12Page - Torex Semiconductor XC2407 Datasheet HTML 13Page - Torex Semiconductor XC2407 Datasheet HTML 14Page - Torex Semiconductor XC2407 Datasheet HTML 15Page - Torex Semiconductor XC2407 Datasheet HTML 16Page - Torex Semiconductor XC2407 Datasheet HTML 17Page - Torex Semiconductor XC2407 Datasheet HTML 18Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14/18
XC2407A816UR-G
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(25) 出力電力/IM3 - 入力電力特性例
(26)入力側リターンロス -周波数特性例 (スミス図)
(27) 出力リターンロス -周波数特性例 (スミス図)
XC2407A816
f=1.575GHz
VDD=VCE=2.85V, Ta=25℃
f=1GHz~2GHz
XC2407A816
f=1.575GHz
VDD=VCE=2.85V, Ta=25℃
f=1GHz~2GHz
XC2407A816
-100
-80
-60
-40
-20
0
-60 -50 -40 -30 -20 -10
0
Input Power : PIN (dBm)
0
20
40
60
80
100
V
DD=VCE=2.85V, Ta=25℃,
f=1.575GHz, 1.576GHz
Desire
Undesire
IM3
(25) Output Power / IM3 vs. Input Power
(26) Input Return Loss vs. Frequency (Smith Chart)
(27) Output Return Loss vs. Frequency (Smith Chart)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com