Electronic Components Datasheet Search
  English  ▼

X  

T8308 Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # T8308
Description  PWM Control 800mA Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8308 Datasheet(HTML) 2 Page - Taiwan Memory Technology

  T8308 Datasheet HTML 1Page - Taiwan Memory Technology T8308 Datasheet HTML 2Page - Taiwan Memory Technology T8308 Datasheet HTML 3Page - Taiwan Memory Technology T8308 Datasheet HTML 4Page - Taiwan Memory Technology T8308 Datasheet HTML 5Page - Taiwan Memory Technology T8308 Datasheet HTML 6Page - Taiwan Memory Technology T8308 Datasheet HTML 7Page - Taiwan Memory Technology T8308 Datasheet HTML 8Page - Taiwan Memory Technology T8308 Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TE
CH
tm
T8308
TM Technology, Inc. reserves the right
P. 2
Publication Date: Oct. 2014
to change products or specifications without notice.
Revision:C
PIN ARRANGEMENT(Top view)
PIN DESCRIPTION
Symbol
SOT-89-5
SOP-8
Description
LX
1
3
Drain of NDMOS switch
GND
2
5.6
Ground
EN
3
1
Enable control signal, H: Active, L: Power Down
ISENSE
4
8
Connect resistor Rs from this pin to VIN to define nominal average output
current I
OUTnom=0.1/Rs
VIN
5
7
Input voltage (7V to 30V).
Decouple to ground with 47uF or higher X7R ceramic capacitor close to
device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com