Electronic Components Datasheet Search
  English  ▼

X  

T8308 Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T8308
Description  PWM Control 800mA Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8308 Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T8308 Datasheet HTML 2Page - Taiwan Memory Technology T8308 Datasheet HTML 3Page - Taiwan Memory Technology T8308 Datasheet HTML 4Page - Taiwan Memory Technology T8308 Datasheet HTML 5Page - Taiwan Memory Technology T8308 Datasheet HTML 6Page - Taiwan Memory Technology T8308 Datasheet HTML 7Page - Taiwan Memory Technology T8308 Datasheet HTML 8Page - Taiwan Memory Technology T8308 Datasheet HTML 9Page - Taiwan Memory Technology T8308 Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TE
CH
tm
T8308
TM Technology, Inc. reserves the right
P. 6
Publication Date: Oct. 2014
to change products or specifications without notice.
Revision:C
Applications Information
Setting nominal average output current with external resistor RS
The nominal average output current in the LED(s) is determined by the value of the external current
sense resistor (RS) connected between VIN and ISENSE and is given by:
IOUTnom = 0.1/RS [for RS ≥ 0.066 ohm]
The table below gives values of nominal average output current for several preferred values of
current setting resistor (RS) in the typical application circuit :
RS (ohm)
0.125
0.2
0.285
Nominal average
output current (mA)
800
500
350
The above values assume that the EN pin is floating.
Note: that RS = 0.125 ohm is the minimum allowed value of sense resistor under these conditions to
maintain switch current below the specified maximum value.
Shutdown mode
Taking the EN pin to a voltage below 0.5V for more than approximately 100us, will turn off the
output and supply current will fall to a low standby level of 35uA nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com