Electronic Components Datasheet Search
  English  ▼

X  

T8308 Datasheet(PDF) 9 Page - Taiwan Memory Technology

Part # T8308
Description  PWM Control 800mA Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8308 Datasheet(HTML) 9 Page - Taiwan Memory Technology

Back Button T8308 Datasheet HTML 2Page - Taiwan Memory Technology T8308 Datasheet HTML 3Page - Taiwan Memory Technology T8308 Datasheet HTML 4Page - Taiwan Memory Technology T8308 Datasheet HTML 5Page - Taiwan Memory Technology T8308 Datasheet HTML 6Page - Taiwan Memory Technology T8308 Datasheet HTML 7Page - Taiwan Memory Technology T8308 Datasheet HTML 8Page - Taiwan Memory Technology T8308 Datasheet HTML 9Page - Taiwan Memory Technology T8308 Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TE
CH
tm
T8308
TM Technology, Inc. reserves the right
P. 9
Publication Date: Oct. 2014
to change products or specifications without notice.
Revision:C
PACKAGE DIMENSIONS
SOT-89
D
POLISHED(2X)
C
H
E
L
B
B1
1
2
3
10'(2X)
e
e1
A
Dimension in mm
Dimension in inch
Symbol
Min.
Max.
Min.
Max.
A
1.40
1.60
0.055
0.063
B
0.44
0.56
0.017
0.022
B1
0.36
0.48
0.014
0.019
C
0.35
0.44
0.013
0.017
D
4.40
4.60
0.173
0.181
E
2.29
2.60
0.090
0.102
H
3.94
4.25
0.155
0.167
e
1.50 BSC
0.059 BSC
e1
3.00 BSC
0.118 BSC
L
0.89
1.2
0.035
0.047



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com