Electronic Components Datasheet Search
  English  ▼

X  

T8308 Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T8308
Description  PWM Control 800mA Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8308 Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T8308 Datasheet HTML 1Page - Taiwan Memory Technology T8308 Datasheet HTML 2Page - Taiwan Memory Technology T8308 Datasheet HTML 3Page - Taiwan Memory Technology T8308 Datasheet HTML 4Page - Taiwan Memory Technology T8308 Datasheet HTML 5Page - Taiwan Memory Technology T8308 Datasheet HTML 6Page - Taiwan Memory Technology T8308 Datasheet HTML 7Page - Taiwan Memory Technology T8308 Datasheet HTML 8Page - Taiwan Memory Technology T8308 Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TE
CH
tm
T8308
TM Technology, Inc. reserves the right
P. 1
Publication Date: Oct. 2014
to change products or specifications without notice.
Revision:C
PWM Control 800mA Step-Down Converter
FEATURES
• Wide Input Voltage Range: 7V to 30V
• LED Output Current Up to 800mA
• Soft-start
• Single pin on/off and brightness control
using DC voltage or PWM
• High efficiency (up to 97%)
• Up to 1MHz switching frequency
• Typical 5% output current accuracy
• SOT-89 and SOP-8 Lead-free Package
Applications
• LED/Display Back Light Driver
• Lightings
• Portable Communication Devices
• Handheld Electronics
GENERAL DESCRIPTION
The T8308 is a continuous mode inductive
step-down converter, designed for driving
single or multiple series connected LEDs
efficiently from a voltage source higher than
the LED voltage. The device operates from an
input supply between 7V and 30V and
provides
an
externally
adjustable
output
current of up to 800mA. Depending upon
supply voltage and external components, this
can provide up to 24 watts of output power.
The T8308 includes the output switch and a
high-side output current sensing circuit, which
uses an external resistor to set the nominal
average output current. The T8308 is available
in SOT-89 and SOP-8 Lead-free package.
PART NUMBER EXAMPLES
PART NO.
PACKAGE
T8308-AX
SOT-89
T8308-AD
SOP-8


Similar Part No. - T8308

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T830-400W STMICROELECTRONICS-T830-400W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T830-600W STMICROELECTRONICS-T830-600W Datasheet
108Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
T830-600W STMICROELECTRONICS-T830-600W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T830-600W STMICROELECTRONICS-T830-600W Datasheet
63Kb / 5P
8A SNUBBERLESSTM TRIAC
Mar-2004
logo
Kersemi Electronic Co.,...
T830-600W KERSEMI-T830-600W Datasheet
418Kb / 5P
TRIAC
More results

Similar Description - T8308

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
PWM Control 1500mA Step-Down Converter
logo
ELM Electronics
ELM604PA ELM-ELM604PA Datasheet
969Kb / 7P
1.4MHz, 800mA dual PWM step-down converter
logo
ELM Technology Corporat...
ELM604PA ELM-TECH-ELM604PA_17 Datasheet
969Kb / 7P
1.4MHz, 800mA dual PWM step-down converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com