Electronic Components Datasheet Search
  English  ▼

X  

T8308 Datasheet(PDF) 7 Page - Taiwan Memory Technology

Part # T8308
Description  PWM Control 800mA Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8308 Datasheet(HTML) 7 Page - Taiwan Memory Technology

Back Button T8308 Datasheet HTML 2Page - Taiwan Memory Technology T8308 Datasheet HTML 3Page - Taiwan Memory Technology T8308 Datasheet HTML 4Page - Taiwan Memory Technology T8308 Datasheet HTML 5Page - Taiwan Memory Technology T8308 Datasheet HTML 6Page - Taiwan Memory Technology T8308 Datasheet HTML 7Page - Taiwan Memory Technology T8308 Datasheet HTML 8Page - Taiwan Memory Technology T8308 Datasheet HTML 9Page - Taiwan Memory Technology T8308 Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TE
CH
tm
T8308
TM Technology, Inc. reserves the right
P. 7
Publication Date: Oct. 2014
to change products or specifications without notice.
Revision:C
Capacitor selection
A low ESR capacitor should be used for input decoupling, as the ESR of this capacitor appears in
series with the supply source impedance and lowers overall efficiency. This capacitor has to supply
the relatively high peak current to the coil and smooth the current ripple on the input supply. A
minimum value of 47uF is acceptable if the input source is close to the device, but higher values
will improve performance at lower input voltages, especially when the source impedance is high. In
order to avoid high frequency noise influence and improve circuit stability, it is recommended to
shunt a value of 0.22uF Capacitor. The input capacitor should be placed as close as possible to the
IC. For maximum stability over temperature and voltage, capacitors with X7R, X5R, or better
dielectric are recommended. Capacitors with Y5V dielectric are not suitable for decoupling in this
application and should not be used.
Inductor selection
Recommended inductor values for the T8308 are in the range 33uH to 100uH. Higher values of
inductance are recommended at higher supply voltages in order to minimize errors due to switching
delays, which result in increased ripple and lower efficiency. Higher values of inductance also result
in a smaller change in output current over the supply voltage range. The inductor should be mounted
as close to the device as possible with low resistance connections to the LX and VIN pins. The
chosen coil should have a saturation current higher than the peak output current and a continuous
current rating above the required mean output current.
The inductor value should be chosen to maintain operating duty cycle and switch 'on'/'off' times
within the specified limits over the supply voltage and load current range.
LX switch on time : ton = L∆I / (VIN – VLED - Iavg (RS+rL+RLX)) , note: tonmin > 240ns
LX switch off time : toff = L∆I / (VLED + VD + Iavg (RS+rL)) , note: toffmin > 200ns
Where:
“L” is the coil inductance (H)
“∆I” is the coil peak-peak ripple current (A) {Internally set to 0.3 x Iavg}
“rL” is the coil resistance (ohm)
“RS” is the current sense resistance
“Iavg” is the required LED current (A)
“VIN” is the supply voltage (V)
“VLED” is the total LED forward voltage (V)
“RLX” is the switch resistance (ohm) {=0.3 ohm nominal}
“VD” is the diode forward voltage at the required load current (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com