Electronic Components Datasheet Search
  English  ▼

X  

AN2984 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2984
Description  Minimizing the SET-related effects
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2984 Datasheet(HTML) 6 Page - STMicroelectronics

  AN2984 Datasheet HTML 1Page - STMicroelectronics AN2984 Datasheet HTML 2Page - STMicroelectronics AN2984 Datasheet HTML 3Page - STMicroelectronics AN2984 Datasheet HTML 4Page - STMicroelectronics AN2984 Datasheet HTML 5Page - STMicroelectronics AN2984 Datasheet HTML 6Page - STMicroelectronics AN2984 Datasheet HTML 7Page - STMicroelectronics AN2984 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Mitigation technique for SET
AN2984
6/8
Doc ID 15690 Rev 1
As can be seen, the best solution recommended in critical applications is the one given in
Figure 4, with an additional capacitor of at least 60 µF connected before the RC filter.
Finally, some additional recommendations in order to minimize the output voltage glitches:
a)
Use low ESR (< 30 m
Ω), low ESL (10 - 20 nH) ceramic capacitors or others rated
for high speed applications.
b)
ESL can be reduced using an array of parallel capacitors.
c)
GND: implement star bus topology or a plane.
d)
CIN as close to VIN - GND pads as possible.
e)
A 10 nF cap between OUT and ADJ runs as an effective noise filter and improves
stability; it is essential in remote sensing configuration.
In conclusion, most SETs can be mitigated by means of external components: input and
output resistors, output series Schottky diodes, and RC filters, resulting in greatly reduced
SET sensitivity and remaining SETs with small amplitude (below 200 mV) and short
duration (< 20 ns).
Figure 6.
SET cross-section vs. LET diagram
RHFL4913A + filter and other SET mitigation
RHFL4913A + filter and other SET mitigation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com