Electronic Components Datasheet Search
  English  ▼

X  

AN2984 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2984
Description  Minimizing the SET-related effects
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2984 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2984 Datasheet HTML 1Page - STMicroelectronics AN2984 Datasheet HTML 2Page - STMicroelectronics AN2984 Datasheet HTML 3Page - STMicroelectronics AN2984 Datasheet HTML 4Page - STMicroelectronics AN2984 Datasheet HTML 5Page - STMicroelectronics AN2984 Datasheet HTML 6Page - STMicroelectronics AN2984 Datasheet HTML 7Page - STMicroelectronics AN2984 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN2984
Mitigation technique for SET
Doc ID 15690 Rev 1
5/8
Each of the two options has its own advantages and drawbacks. In the scheme shown in
Figure 4, as the R resistor is located between the voltage regulation output and the output
voltage setting resistors, the regulation - especially with the load - is expected to be much
better and thus the output voltage more precise compared to the second option; the latter
option should have superior SET immunity.
For both configurations, the characteristics of the transients can be summarized as follows:
1.
In many of the SETs observed, both short (< 100 nsec) and long-duration (max 2 sec)
pulses are present;
2.
SET cross-section increases with the LET, as expected;
3.
SETs associated to the highest LET are those with the longest transients (provided the
other conditions are the same);
4.
Irrespective of the LET, at a fixed VIN = 3.3 V the max VOUT deviation measured is <
140 mV, using high-quality, low-ESR, low-ESL capacitors, (i.e., ceramic or tantalum);
higher (VIN-VOUT) dropout increases the max VOUT excursion;
5.
The short-duration pulses are mostly dependent on the ESL of the capacitors used,
and also dependent on the stray inductances. Therefore, they cannot be suppressed by
simply increasing the cap value. The only way to minimize them is with an action at
board level.
6.
In the scheme of Figure 4, all long-duration pulses can be suppressed by adding a
capacitor of at least 60 µF before the filter.
Even the SET cross-section is limited, at least for LET up to 53 Mev*cm²/mg, as shown in
Figure 6.
Figure 5.
Local feedback configuration
AM07812v1
V
IN
0.2
Ω
V
OUT
+
_
15µF
100nF
0.1
Ω
220µF
R1
R2
Adj
V
I
V
O
RHFL4913A
100nF
C
OUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com