Electronic Components Datasheet Search
  English  ▼

X  

AN2984 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2984
Description  Minimizing the SET-related effects
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2984 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2984 Datasheet HTML 1Page - STMicroelectronics AN2984 Datasheet HTML 2Page - STMicroelectronics AN2984 Datasheet HTML 3Page - STMicroelectronics AN2984 Datasheet HTML 4Page - STMicroelectronics AN2984 Datasheet HTML 5Page - STMicroelectronics AN2984 Datasheet HTML 6Page - STMicroelectronics AN2984 Datasheet HTML 7Page - STMicroelectronics AN2984 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN2984
2/8
Doc ID 15690 Rev 1
The RHFL4913A operates with an input supply of up to 12 V. To adjust the output voltage,
the R2 resistor must be connected between the VO and ADJ pins. The R1 resistor must be
connected between the ADJ and ground. Resistor values can be derived from the following
formula:
VO = VADJ (R1 + R2) / R1
The VADJ is 1.23 V, controlled by the internal temperature-compensated band-gap block.
The minimum output voltage is therefore 1.22 V and the minimum input voltage is 3 V. The
adjustable RHFL4913A is functional as soon as the (VI - VO) voltage difference is slightly
above the power element saturation voltage. The ADJ pin to ground resistor value must not
be greater than 10 k
Ω, in order to keep the output feedback error below 0.2 %. A minimum of
0.5 mA IO must be set to ensure perfect no-load regulation. It is advisable to dissipate this
current into the divider bridge resistor. All available VI pins, as well as all available VO pins,
should always be externally interconnected, otherwise the stability and reliability of the
device cannot be guaranteed. The inhibit function switches off the output current
electronically, and therefore very quickly.
According to Lenz's Law, external circuitry reacts with Ldi/dt terms, which can be of high
amplitude where a serial coil inductance exists. Large transient voltage would develop on
both device terminals. It is advisable to protect the device with Schottky diodes to prevent
negative voltage excursions. In the worst case, a 14 V Zener diode can protect the device
input. The device has been designed for high stability and low dropout operation. Therefore,
tantalum input and output capacitors with a minimum 1 µF are mandatory. The ESR
capacitor range is from 0.01
Ω to over 20 Ω . This range is useful when ESR increases at a
low temperature. When large transient currents are expected, larger value capacitors are
necessary. In the case of high current operation with short circuit events expected, caution
must be exercised with regard to capacitors. They must be connected as close as possible
Figure 2.
Internal block diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com