Electronic Components Datasheet Search
  English  ▼

X  

AN2984 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2984
Description  Minimizing the SET-related effects
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2984 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2984 Datasheet HTML 1Page - STMicroelectronics AN2984 Datasheet HTML 2Page - STMicroelectronics AN2984 Datasheet HTML 3Page - STMicroelectronics AN2984 Datasheet HTML 4Page - STMicroelectronics AN2984 Datasheet HTML 5Page - STMicroelectronics AN2984 Datasheet HTML 6Page - STMicroelectronics AN2984 Datasheet HTML 7Page - STMicroelectronics AN2984 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Mitigation technique for SET
AN2984
4/8
Doc ID 15690 Rev 1
1
Mitigation technique for SET
As we know, the characteristics of the voltage transient on the output of a voltage regulator,
consequent to the transfer of energy related to an ion strike with the silicon, is a critical issue
in space applications. Large undershoot can cause erratic operations in memories and
microprocessors, while overshoot of an excessive amplitude can lead to the degradation - or
even the destruction - of CMOS devices. For example, for most FPGA the recommended
operating voltage is 1.5 V with 1.6 V the maximum limit (in some applications it is restricted
to 1.575 V to maintain a further safety margin). The latter applies to both static and dynamic
operating conditions.
The recommendations in this application note are based on the outcomes of an
experimental analysis conducted at Texas A&M University (Cyclotron Single Event Effects
Test facility on device behavior in a heavy ion environment). For more information please
refer to “SEE test report V3.0 - Heavy Ion SEE test of RHFL4913A from STMicroelectronics
with SET mitigation circuitry”, issued by NASA on November 18th, 2006.
During these experiments, the configurations, illustrated in Figure 4 and Figure 5, were
found capable of reducing the SET transient's characteristics on the voltage regulator output
at a level acceptable for most critical applications, e.g. FPGA supply.
Figure 4.
Baseline bias configuration with remote feedback
V
IN
R1
0.2
Ω
V
OUT
+
_
0.1
Ω
15µF
100nF
100nF
220µF
R2
Adj
VI
VO
RHFL4913A
C
OUT
AM07811v1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com