Electronic Components Datasheet Search
  English  ▼

X  

AN4287 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 7Page - STMicroelectronics AN4287 Datasheet HTML 8Page - STMicroelectronics AN4287 Datasheet HTML 9Page - STMicroelectronics AN4287 Datasheet HTML 10Page - STMicroelectronics AN4287 Datasheet HTML 11Page - STMicroelectronics AN4287 Datasheet HTML 12Page - STMicroelectronics AN4287 Datasheet HTML 13Page - STMicroelectronics AN4287 Datasheet HTML 14Page - STMicroelectronics AN4287 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID024464
Rev 2
11/27
AN4287
Functional safety requirements for application software
applied on selected pads in order to be acquired and then the acquired values shall be
compared by software.
Rationale: to verify that the two input values match.
Implementation hint: if, for a specific application, a plausibility check on a single
acquisition assures sufficient diagnostic coverage, it can replace the redundant acquisition.
This hint is a special case of deviating from recommended requirements as described in the
Preface. The two selected pads shall not be physically adjacent to minimize CCFs. Each
pad not dedicated to a specific function can be configured as GPIO with the exception of
ADC pads, as they can only be configured as GPIs. SIU pads can be configured via the
relevant pad configuration registers (PCRn).
3.9.2
Read PWM inputs
Suggested: digital inputs shall be acquired redundantly. Each double acquisition can be
implemented using two pads configured as eMIOS200 channel by the SIU unit and
configured with input capture feature by eMIOS200 module. PWM input signal shall be
applied on selected pads in order to be acquired and then the acquired set of data (duty
cycle and period) shall be compared by software.
Rationale: to verify that the two sets of data match.
Implementation hint: the comparison must take into account possible approximation
because of different capturing of the input asynchronous signals. Each pad not dedicated to
a specific function can be configured as GPIO with the exception of ADC pads, as they can
only be configured as GPIs. SIU pads can be configured via the relevant pad configuration
registers (PCRn). The two selected pads shall not be physically adjacent to minimize CCFs.
PWM input signal can be generated using one other eMIOS200 channel correctly
configured or one eTPU2 channel correctly configured and the eTPU2 channels instead of
the eMIOS200 channels can be used.
3.9.3
Write digital outputs
Suggested: digital outputs shall be written either redundantly or with read-back. Write
digital output operation can be implemented as single write digital output with read-back or
double write digital output.
Rationale: to verify that the two output values match.
Implementation hint: if, for a specific application, a plausibility check on a single write
assures sufficient diagnostic coverage, it can replace the redundant write or the write with
read-back. This hint is a special case of deviating from recommended requirements as
described in the Preface. Each pad not dedicated to a specific function can be configured as
GPIO with the exception of ADC pads, as they can only be configured as GPIs. SIU pads
can be configured via the relevant pad configuration registers (PCRn).
Single write digital output with read-back
Implementation hint: SIU pads are used to perform a single write digital output with read-
back. The read-back shall be done using the external configuration or the internal. SIU pads
shall be configured as follows:
•
External read-back: one SIU pad is configured to allow read-back of the output write on
the selected SIU pad and the loop-back is done with an external connection outside the
device. Using this configuration, only half of the available digital outputs can be used as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com