Electronic Components Datasheet Search
  English  ▼

X  

AN4287 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 16Page - STMicroelectronics AN4287 Datasheet HTML 17Page - STMicroelectronics AN4287 Datasheet HTML 18Page - STMicroelectronics AN4287 Datasheet HTML 19Page - STMicroelectronics AN4287 Datasheet HTML 20Page - STMicroelectronics AN4287 Datasheet HTML 21Page - STMicroelectronics AN4287 Datasheet HTML 22Page - STMicroelectronics AN4287 Datasheet HTML 23Page - STMicroelectronics AN4287 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Functions of external devices for safety applications
AN4287
20/27
DocID024464
Rev 2
4.3
PWM Output Monitor function (PWMM)
The eMIOS200 module and the eTPU2 module integrated in the SPC564A7x/SPC564A80
device can generate PWM output signals.
In general, if the safety application uses these PWM output signals to control an actuator
with short safety time against wrong control (such as the inverter of a three-phase motor
control application with a dead-time requirements to avoid short circuits destroying the
inverter and the motor), those requirements shall be supervised externally if the failure
reaction delay within the SPC564A7x/SPC564A80 device can exceed the safety time of the
actuator.
The distinctive features that should be managed by the external device are the correctness
of inserted dead-time and the occurrence of an open-circuit and/or short-circuit to supply or
ground.
Suggested: an external low-cost device, acting as system supervisor, shall provide also a
PWM monitor to check the generated PWM output signals.
Rationale: to check the accuracy of the PWM output signals.
If a failure is detected, the PWMM moves, and maintains, the system (ECU level) to a Safe
state condition within the FTTI (e.g., the PWMM disconnects from the power supply the
SPC564A7x/SPC564A80 device).
Implementation hint: in case PWM signals drive the switches of a power stage, eMIOS200
channels or eTPU2 channels cannot be used to detect a dead-time fault because its failure
indication time is normally greater than the time enough to produce a physical permanent
failure of the power stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com