Electronic Components Datasheet Search
  English  ▼

X  

AN4287 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 8Page - STMicroelectronics AN4287 Datasheet HTML 9Page - STMicroelectronics AN4287 Datasheet HTML 10Page - STMicroelectronics AN4287 Datasheet HTML 11Page - STMicroelectronics AN4287 Datasheet HTML 12Page - STMicroelectronics AN4287 Datasheet HTML 13Page - STMicroelectronics AN4287 Datasheet HTML 14Page - STMicroelectronics AN4287 Datasheet HTML 15Page - STMicroelectronics AN4287 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Functional safety requirements for application software
AN4287
12/27
DocID024464
Rev 2
safety outputs. In case of External read-back, the two selected pads shall not be
physically adjacent;
•
Internal read-back(c): one SIU pad is configured to allow read-back of the output write
on the selected SIU pad via an internal read path. Using this configuration, all available
digital outputs can be used as safety outputs.
Double Write Digital Outputs
Implementation hint: SIU pads are used to perform a double write digital output. SIU pads
shall be correctly configured and the output write of the selected channels shall be
implemented following these guidelines:
•
The two outputs are written with a single instruction to the appropriate register;
•
The output register is read-back.
The two selected pads shall not be physically adjacent to minimize CCFs. Each pad not
dedicated to a specific function can be configured as GPIO with the exception of ADC pads,
as they can only be configured as GPIs. SIU pads can be configured via the relevant pad
configuration registers (PCRn).To write two (or more) GPIOs with a single write instruction,
the Parallel GPIO Pad Data Out (PGPDOx) register can be used. User has to take care that
the two selected GPIOs are controlled by the same PGPDOx register. To protect the value
of the other GPIOs that belong to the same PGPDOx register, the Masked Parallel GPIO
Pad Data Out (MPGPDOx) register shall be properly configured before writing the PGPDOx
register.
3.9.4
Write PWM outputs
Suggested: some PWM outputs shall be written either redundantly or with read-back. Write
PWM output operation can be implemented as single write PWM output with read-back or
double write PWM output.
Rationale: to verify that the two sets of data match.
c.
Internal read back does not cover package faults (e.g. wire bond). Refer to the specific reference manual to
verify the availability of the internal read path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com