Electronic Components Datasheet Search
  English  ▼

X  

AN4287 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 13Page - STMicroelectronics AN4287 Datasheet HTML 14Page - STMicroelectronics AN4287 Datasheet HTML 15Page - STMicroelectronics AN4287 Datasheet HTML 16Page - STMicroelectronics AN4287 Datasheet HTML 17Page - STMicroelectronics AN4287 Datasheet HTML 18Page - STMicroelectronics AN4287 Datasheet HTML 19Page - STMicroelectronics AN4287 Datasheet HTML 20Page - STMicroelectronics AN4287 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID024464
Rev 2
17/27
AN4287
Functional safety requirements for application software
3.16
Peripheral Bridge (PBRIDGE)
Suggested: PBRIDGE shall be configured in order to ensure that all bus masters (Core,
eDMA and FlexRay) can access only their allocated resources according to their access
rights. The configuration and the correct working of the PBRIDGE shall be checked. These
specific software countermeasures can run once after the Power-On Reset (POR) before
running the SIF and/or once per FTTI.
Rationale: to avoid to give access to the device resources to unauthorized master and to
deny access to authorized master.
Implementation hint: e.g. the integrity of the PBRIDGE module can be checked calculating
the CRC of the configuration registers value of 3 IPs and comparing each one with the
expected one. Different IPs could be chosen for each FTTI.
3.17
Power Management Controller (PMC)
SPC564A7x/SPC564A80 devices use three supply voltages, nominally 5V, 3.3V and 1.2V.
The 5V supply voltage must be supplied from the outside while the other supply voltages are
supplied by internal regulators. Moreover, SPC564A7x/SPC564A80 devices embed LVI for
all supply voltages. The PMC controls the internal regulators and the LVI circuits.
Suggested: LVI failure reaction for all supply voltages shall be configured (system reset or
interrupt request). These specific software countermeasures can run once after the Power-
On Reset (POR) before running the SIF.
Rationale: to check if supply voltages are in the correct operation range.
Suggested: LVI circuits operation (for supply voltages generated by internal regulators, i.e.
3.3V and 1.2V) shall be checked. These specific software countermeasures can run once
after the Power-On Reset (POR) before running the SIF.
Implementation hint: the output of each internal regulator can be set to a value lower than
the LVI threshold value configuring the PMC_ TRIMR register. According to this, enabling
only the interrupt request as LVI failure reaction, the generation of the LVI interrupt requests
confirms the correctness of LVI circuits operation. Then, the correct value of the PMC_
TRIMR register can be restored.
Suggested: correct execution of Power-On Reset sequence shall be checked. These
specific software countermeasures can run once after the Power-On Reset (POR) before
running the SIF.
Implementation hint: e.g. reserved RAM is used to store a key which can be used if the
current reset is a POR or not according to the POR bit in the ECSM_MRSR register.
Moreover the default reset value of the registers of each IP can be checked.
3.18
Error Correction Status Module (ECSM)
The ECSM is able to detect data storage failures in memory (FLASH and SRAM) and
addressing these.
The ECSM can detect and correct single-bit errors, detect double-bit faults and detect faults
affecting more than two bits. ECC functionality concerns data and not the addresses. ECC
is automatically calculated on memory write accesses and is checked while read accesses
are executed on memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com