Electronic Components Datasheet Search
  English  ▼

X  

AN4371 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4371
Description  In automotive more and more often comes in foreground
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4371 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4371 Datasheet HTML 7Page - STMicroelectronics AN4371 Datasheet HTML 8Page - STMicroelectronics AN4371 Datasheet HTML 9Page - STMicroelectronics AN4371 Datasheet HTML 10Page - STMicroelectronics AN4371 Datasheet HTML 11Page - STMicroelectronics AN4371 Datasheet HTML 12Page - STMicroelectronics AN4371 Datasheet HTML 13Page - STMicroelectronics AN4371 Datasheet HTML 14Page - STMicroelectronics AN4371 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DocID025337 Rev 1
11/29
AN4371
ADC built-in self-test algorithms
28
Figure 3. Self-test execution sequence example C and RC in scan mode
Figure 4. Self-test execution sequence flow example S in scan mode
In the case there is required to schedule self-test channel execution in defined sequence the
baud rate is implemented in ADC. This control defines the scheduling of test channel
between the normal conversions. The scheduling rate is specified by STBRR[BR].
Figure 5. Self-test baud rate example C and RC
By default, if test channel is enabled, one Step of selected algorithm is executed after every
chain of normal conversion. STBRR[BR] field provides flexibility by scheduling the test
channel conversion to be performed not at the end of every chain but at the end of BR+1
number of chains.
Note:
This feature is applicable only for scan mode of operation and not for one shot mode. The
STBRR.BR should be set to zero for one shot mode.
2.2
Supply self-test – Algorithm S
Algorithm S consists of 3 steps. Not allowed to be interleaved with normal conversion. At the
end of chain of the normal conversions, (assuming default value of STCR3.ALG) all steps of
Algorithm S are performed (as Algorithm S is always atomic).
MSR.SELF_TEST_S is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com