Electronic Components Datasheet Search
  English  ▼

X  

AN2168 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2168
Description  The ST10F27x MCUs are derivatives of the STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2168 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2168 Datasheet HTML 3Page - STMicroelectronics AN2168 Datasheet HTML 4Page - STMicroelectronics AN2168 Datasheet HTML 5Page - STMicroelectronics AN2168 Datasheet HTML 6Page - STMicroelectronics AN2168 Datasheet HTML 7Page - STMicroelectronics AN2168 Datasheet HTML 8Page - STMicroelectronics AN2168 Datasheet HTML 9Page - STMicroelectronics AN2168 Datasheet HTML 10Page - STMicroelectronics AN2168 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN2168
3 Reset management
7/15
3
Reset management
3.1
External reset circuitry
Figure 5 and Figure 6 summarize the hardware required to operate a good reset. The first one
should be used when the power down mode is not required by the application, whereas the
second one shows the hardware configuration in order to use the power down mode.
Figure 5.
External reset circuitry when power down mode is not used
Figure 6.
External reset circuitry when power down mode is used
3.2
How to reset external devices with ST10F27x reset signals
If the application uses the ST10F27x with external devices, such as other microcontrollers, and
if the external devices should be reset by the ST10F27x beyond the ST10 reset, there are two
ways to do this:
●
Using the RSTOUT pin
●
Using the bidirectional reset option provided by the ST10F27x
VDD
ST10F27x
GND
RPD
VDD
220K-1M
R0
RSTIN
External Reset
Circuitry
Reset Signal
Open Drain Output
VDD
ST10F27x
GND
RPD
VDD
220K-1M
R0
RSTIN
External Reset
Circuitry
Reset Signal
Open Drain Output
GND
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com