Electronic Components Datasheet Search
  English  ▼

X  

AN2168 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2168
Description  The ST10F27x MCUs are derivatives of the STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2168 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2168 Datasheet HTML 1Page - STMicroelectronics AN2168 Datasheet HTML 2Page - STMicroelectronics AN2168 Datasheet HTML 3Page - STMicroelectronics AN2168 Datasheet HTML 4Page - STMicroelectronics AN2168 Datasheet HTML 5Page - STMicroelectronics AN2168 Datasheet HTML 6Page - STMicroelectronics AN2168 Datasheet HTML 7Page - STMicroelectronics AN2168 Datasheet HTML 8Page - STMicroelectronics AN2168 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2013
Rev
3
1/15
15
AN2168
Application note
ST10F27x hardware development
Getting started
Introduction
The ST10F27x MCUs are derivatives of the STMicroelectronics ST10 family of 16-bit CMOS
microcontrollers. They combine high CPU performance (CPU frequency up to 64 MHz) with high
peripheral functionalities and enhanced I/O-capabilities. They offer on-chip high speed single voltage
Flash memory, on-chip high speed RAM and support clock generation via PLL or an external clock. The
ST10F27x MCUs also provide an enhanced 16-bit DSP co-processor to improve their performance in
signal processing algorithms.
This application note complements the ST10F27x datasheet and user manual by describing the minimum
hardware environment required to build an application around the ST10F27x. A number of features of the
ST10F27x devices are described in the first five chapters. In the sixth, a basic schematic is given
illustrating the minimum hardware required to get the ST10F27x running. For a deeper description of
these features, refer to the ST10F27x datasheet or user manual.
In order to build an application around ST10F27x, the application board should, at least, provide the
following features:
■ Power supply
■ Clock management
■ Reset control
■ Boot mode settings
www.st.com


Similar Part No. - AN2168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2165 STMICROELECTRONICS-AN2165 Datasheet
641Kb / 18P
Getting Started with Keil 關Vision ST10 Toolchain
24-Sep-2013
AN2167 STMICROELECTRONICS-AN2167 Datasheet
59Kb / 5P
Using the STPM01 with a shunt current sensor
27-Oct-2008
AN2169 STMICROELECTRONICS-AN2169 Datasheet
213Kb / 33P
Porting an application from the ST10F168 to the ST10F276
03-Jul-2006
More results

Similar Description - AN2168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
The ST10F272B and ST10F272E are members of the STMicroelectronics
24-Sep-2013
AN2143 STMICROELECTRONICS-AN2143 Datasheet
377Kb / 8P
Programming the ST10F27X embedded Flash
24-Sep-2013
AN2244 STMICROELECTRONICS-AN2244 Datasheet
188Kb / 17P
The ST10F27x MCUs provide 0.18關m embedded true Flash technology
24-Sep-2013
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
PLL jitter effects on C-CAN modules of the ST10F27x
24-Sep-2013
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com