Electronic Components Datasheet Search
  English  ▼

X  

AN2168 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2168
Description  The ST10F27x MCUs are derivatives of the STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2168 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2168 Datasheet HTML 6Page - STMicroelectronics AN2168 Datasheet HTML 7Page - STMicroelectronics AN2168 Datasheet HTML 8Page - STMicroelectronics AN2168 Datasheet HTML 9Page - STMicroelectronics AN2168 Datasheet HTML 10Page - STMicroelectronics AN2168 Datasheet HTML 11Page - STMicroelectronics AN2168 Datasheet HTML 12Page - STMicroelectronics AN2168 Datasheet HTML 13Page - STMicroelectronics AN2168 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
5 Boot management
AN2168
10/15
5
Boot management
Different boot modes are available on ST10F27x devices:
●
The bootstrap mode provides a mechanism to load a program in RAM of the ST10F27x
devices without using internal or external memory.
●
The single chip pin EA allows the device to boot either from the internal flash or from an
external memory.
5.1
Bootstrap loader
The ST10F276 provides the following boot capabilities:
●
Standard bootstrap: This mode downloads a start up program of 32 bytes through the
serial interface or of 128 bytes through the CAN interface after reset in the ST10F276
RAM.
●
Alternate bootstrap: This mode executes a user bootstrap code written by the customer
starting at address 09’0000 if some conditions are met.
●
Selective bootstrap: This mode is a sub-case of the alternate bootstrap mode. It’s triggered
when the conditions required for the alternate bootstrap are not met.
For more details concerning the alternate bootstrap mode, please refer to the ST10F276 user
manual.
The bootstrap mode is selected according to P0L.4 and P0L.5 levels during reset.
Table 3.
ST10F27x bootstrap modes
Example: The following figure illustrates the hardware required for the standard bootstrap
loader via CAN interface. For more details, refer to the ST10F27x user manual.
P0L.4
P0L.5
Bootstrap mode
Comments
0
1
Standard bootstrap
Use a pull up resistor on P4.5 in order to have a
stable level on this pin during bootstrap via CAN. To
avoid high consumption, high resistor values must
be chosen.
For more details please refer to the ST10F27x user
manual
00
Reserved
1
0
Alternate/Selective Bootstrap
The selection between the alternate and selective
bootstrap modes is done by comparing two
signatures to predefined user and alternate
signatures.
1
1
User code
The ST10F27x starts fetching code form internal
ROM or external ROM according to EA pin’s level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com