Electronic Components Datasheet Search
  English  ▼

X  

AN2168 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2168
Description  The ST10F27x MCUs are derivatives of the STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2168 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2168 Datasheet HTML 1Page - STMicroelectronics AN2168 Datasheet HTML 2Page - STMicroelectronics AN2168 Datasheet HTML 3Page - STMicroelectronics AN2168 Datasheet HTML 4Page - STMicroelectronics AN2168 Datasheet HTML 5Page - STMicroelectronics AN2168 Datasheet HTML 6Page - STMicroelectronics AN2168 Datasheet HTML 7Page - STMicroelectronics AN2168 Datasheet HTML 8Page - STMicroelectronics AN2168 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AN2168
1 Power supply
3/15
1
Power supply
1.1
Overview
The ST10F27x devices are processed in 0.18 µm technology. ST10F27x core logic and I/O
peripherals need different power supplies. In fact, ST10F27x core logic operates with an 1.8V
power supply while the I/O peripherals operate with a power supply in the 4.5V to 5.5V range.
The ST10F27x devices are single supply. This means that just one external supply of 5V is
necessary to feed both core and peripherals. The power management block includes a
regulator to provide the core logic 1.8V supply from the 5V input supply.
The internally generated 1.8V supply is available on pin V18 (pin 56) of the ST10F27x. No
external supply can be connected to V18. A decoupling ceramic capacitor of a typical value
10nF(max 100nF) has to be connected between the V18 pin and the nearest Vss pin. The main
purposes of this capacitor are to:
●
compensate voltage drops due to pulsive current sinked by the device.
●
close the feedback loop of the internal voltage regulator making the system stable.
A capacitor of a value 100nF has to be connected for each couple VDD and the nearest pin
Vss.
1.2
Pin Vstby / EA
On the ST10F27x, the pin 99 provides two functionalities:
●
VSTBY voltage(4.5 - 5.5V) applied on pin 99 maintains the RAM powered when ST10F27x
main power is OFF. It must be applied before switching OFF the main power supply.
●
EA functionality which configures the ST10F27x to start from external memory if its level is
low during reset.
Table 1 contains the different configurations and the needed hardware for each case (if stand
by mode is used or not).
Table 1.
VSTBY/EA
EA = 1
EA = 0
Stand by mode used
VSTBY = 5V when VDD is
turned off
Stand by mode not used
VSTBY = 0V
Vstby Ex
EA/VSTBY
Vss
Vss
EA
4 .. 5.5 V
VDD
EA/VSTBY
Vss
EA/VSTBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com