Electronic Components Datasheet Search
  English  ▼

X  

AN2168 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2168
Description  The ST10F27x MCUs are derivatives of the STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2168 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2168 Datasheet HTML 1Page - STMicroelectronics AN2168 Datasheet HTML 2Page - STMicroelectronics AN2168 Datasheet HTML 3Page - STMicroelectronics AN2168 Datasheet HTML 4Page - STMicroelectronics AN2168 Datasheet HTML 5Page - STMicroelectronics AN2168 Datasheet HTML 6Page - STMicroelectronics AN2168 Datasheet HTML 7Page - STMicroelectronics AN2168 Datasheet HTML 8Page - STMicroelectronics AN2168 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2 Clock management
AN2168
4/15
2
Clock management
Internal operation of CPU and peripherals are controlled by the same main clock named Fcpu.
It is provided by the on-chip clock generator. The RTC module can be controlled either by the
ST10F27x main clock or by the auxiliary 32 kHz oscillator.
2.1
Main clock control unit
The ST10F27x core and peripherals can operate with a frequency up to 64 MHz.
The ST10F27x main clock can be:
●
generated using the ST10F27x internal oscillator amplifier. In this case, the input signal for
the internal oscillator is generated by an external crystal or resonator with a frequency
between 4MHz and 12 MHz, and is connected between XTAL1 and XTAL2: XTAL1 is the
input and XTAL2 is the output. This configuration is available when using on chip PLL or
the prescaler operation.
●
forced by an external clock when the direct drive option is selected. In this case, the
internal oscillator is disabled and neither the external crystal nor resonator is needed. The
external clock is input on the XTAL1 pin of the ST10F27x and the XTAL2 pin must be left
unconnected.
The clock generation mode is selected during reset according to port 0 lines: P0H.5, P0H.6,
P0H.7. Each mode is described below.
2.1.1
Direct Drive operation
When pins P0H.7 = 0, P0H.6 = 1, P0H.5 = 1 during reset, the CPU clock is directly driven from
the external generator connected to XTAL1 pin. In this case, neither the crystal nor the
resonator is used.
Figure 1.
ST10F27x Direct Drive
2.1.2
Prescaler operation
When pins P0H.7 = 0, P0H.6 = 0, P0H.5 = 1 during reset, the CPU clock is derived from the
internal oscillator amplifier. The input clock signal is generated by a crystal or a resonator with a
frequency between 4MHz and 8 Mhz. The CPU frequency is equal to the input signal on pin
XTAL1 divided by 2
External Clock
XTAL1
XTAL2
Unconnected
1 .. 64 MHz
P0H.5 = 1
VDD
P0H.6 = 1
VDD
P0H.7 = 0
VSS
8 KOhms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com