Electronic Components Datasheet Search
  English  ▼

X  

AN3001 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3001
Description  TS4657 single supply stereo digital audio line driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3001 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3001 Datasheet HTML 3Page - STMicroelectronics AN3001 Datasheet HTML 4Page - STMicroelectronics AN3001 Datasheet HTML 5Page - STMicroelectronics AN3001 Datasheet HTML 6Page - STMicroelectronics AN3001 Datasheet HTML 7Page - STMicroelectronics AN3001 Datasheet HTML 8Page - STMicroelectronics AN3001 Datasheet HTML 9Page - STMicroelectronics AN3001 Datasheet HTML 10Page - STMicroelectronics AN3001 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN3001
Configuring the demonstration board
Doc ID 15911 Rev 1
7/12
3.4
Optional measurement loads
As shown in Figure 2 on page 4, there are two resistors (R6 and R8) that are not connected
on the demonstration board. These resistors are used to measure the performances of the
TS4657 with different loads. After the test, it is best to remove them and load the TS4657
with the application only.
The load on both outputs should be higher or equal to 5 k. Generally, the standard load for
the audio line is 10 k (10 K/1 %, 0.063 W, SMD resistors, 0603).
3.5
Specific considerations
The TS4657 utilizes a power management unit to supply its internal structures.
A self-generated negative supply allows the drivers to be powered from positive and
negative supplies, thus increasing the output signal amplitude. This internal negative supply
switches at a higher frequency than traditional architectures, derived from the master clock
MCLK. This structure uses an original design that allows suppressing the flying or floating
capacitors. Therefore, only four small 1 µF decoupling capacitors are necessary for
VCCA/VCCD and VREGA/VREGD.
Furthermore, the self-generated negative supply allows the amplifier outputs to be centered
around zero, thus the bulky output coupling capacitors can be removed.
As mentioned previously, the MCLK is used internally to supply some blocks. It is therefore
not recommended to switch off the MCLK during normal operation.
To properly power-down the device, MCLK, BCLK and LRCLK should be switched off after
the STDBY signal.
The power-down time is very short and can be considered as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com