Electronic Components Datasheet Search
  English  ▼

X  

AN3001 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3001
Description  TS4657 single supply stereo digital audio line driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3001 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3001 Datasheet HTML 1Page - STMicroelectronics AN3001 Datasheet HTML 2Page - STMicroelectronics AN3001 Datasheet HTML 3Page - STMicroelectronics AN3001 Datasheet HTML 4Page - STMicroelectronics AN3001 Datasheet HTML 5Page - STMicroelectronics AN3001 Datasheet HTML 6Page - STMicroelectronics AN3001 Datasheet HTML 7Page - STMicroelectronics AN3001 Datasheet HTML 8Page - STMicroelectronics AN3001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Description of the demonstration board
AN3001
4/12
Doc ID 15911 Rev 1
Figure 2.
Schematic diagram
JP1
JP2
JP3
VCCD
VCCA
J4
J3
J2
J1
C3
1uF
C4
1uF
C1
10 uF/6V3
Digital
input
User control
R5
820
R7
820
C6
2nF2
C7
2nF2
VCCD
VCCA
JP7
JP5
3v to 5V5
GND
VCC
Format2
Format1
/Stdby
OUT L
OUT R
LRCLK
SDAT
BCLK
MCLK
MCLK
6
BCLK
5
LRCLK
3
SDAT
4
VOUTR
11
VOUTL
12
Epad
IC1
TS4657
C5
1uF
C2
1uF
VCCD
JP6
JP4
Output filters
J5
J6
SIP2
J7
SIL2
Digital
audio
interface
Digital
filters
and
DACs
Control
interface
AM04525
Table 2.
Component list for the demonstration board
Name
Quantity
Description
C1
1
10 µF/6.3 V +/-20 %, SMD electrochemical capacitor
C2, C3, C4, C5
4
1 µF/10 V X5R, +/-10 %, SMD ceramic capacitors 0603
C6,C7
2
2.2 nF/50 V X7R, +/-10 %, SMD ceramic capacitors 0603
R1, R2, R3, R4
4
100 K/1 %, 0.063 W, SMD resistors, 0603
R5, R7
2
820 ohms/1 %, 0.063 W, SMD resistors, 0603
R6, R8
2
Not connected (see Section 3.4: Optional measurement loads on page 7)
J1, J2, J3, J4, J5,
J6, J7,
JP4, JP5, JP6, JP7
11
2-pin header 2.54 mm pitch
JP1, JP2, JP3
3
3-pin header 2.54 mm pitch
IC1
1
TS4657IQT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com