Electronic Components Datasheet Search
  English  ▼

X  

AN3001 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3001
Description  TS4657 single supply stereo digital audio line driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3001 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3001 Datasheet HTML 1Page - STMicroelectronics AN3001 Datasheet HTML 2Page - STMicroelectronics AN3001 Datasheet HTML 3Page - STMicroelectronics AN3001 Datasheet HTML 4Page - STMicroelectronics AN3001 Datasheet HTML 5Page - STMicroelectronics AN3001 Datasheet HTML 6Page - STMicroelectronics AN3001 Datasheet HTML 7Page - STMicroelectronics AN3001 Datasheet HTML 8Page - STMicroelectronics AN3001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN3001
Configuring the demonstration board
Doc ID 15911 Rev 1
5/12
3
Configuring the demonstration board
3.1
Serial data input configuration
The TS4657 receives serial digital audio data through a 3-wire interface. SDAT is the serial
audio data input. The data is entered MSB first and is a two’s complement. The data can be
I2S, right- or left-justified. The data format is chosen with the control pins FORMAT1 and
FORMAT2 as detailed in Table 3.
The level on both of these pins should be fixed before waking-up the chip.
3.2
Sample rate capability
Three external clock signals are applied to the TS4657. The MCLK is the external master
clock applied by the audio data processor. The LRCLK is the channel frequency, also called
LEFT/RIGHT clock, at which the digital words for each channel are input to the device. The
LRCLK clock is the sample rate of the audio data. The ratio MCLK/LRCLK must be an
integer, as shown in Table 4.
The BCLK is the bit clock and represents the clock at which the audio data is serially shifted
into the audio port. BCLK is linked to LRCLK. The minimum required BCLK frequency is
twice the audio sample rate multiplied by the number of bits in each audio word. Refer to
Table 3 for the BCLK/LRCLK ratio. MCLK, LRCLK and BCLK must be synchronous clock
signals.
Table 3.
Digital audio data formats supported by the TS4657
FORMAT2
FORMAT1
Data Format
BCLK/LRCLK ratio
Min
Max
00
Right-justified, 16-bit data
Data valid on rising edge of BCLK
32
256
01
Right-justified, 24-bit data
Data valid on rising edge of BCLK
48
256
10
Left-Justified, 16-bit up to 24-bit data
Data valid on rising edge of BCLK
2 x number of bits of data
256
11
I²S, 16-bit up to 24-bit data
Data valid on rising edge of BCLK
2 x number of bits of data
256
Table 4.
Audio data sampling rates
LRCLK (kHz)
MCLK (MHz)
256x
32
8.192
44.1
11.2896
48
12.288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com