Electronic Components Datasheet Search
  English  ▼

X  

AN3001 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3001
Description  TS4657 single supply stereo digital audio line driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3001 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3001 Datasheet HTML 1Page - STMicroelectronics AN3001 Datasheet HTML 2Page - STMicroelectronics AN3001 Datasheet HTML 3Page - STMicroelectronics AN3001 Datasheet HTML 4Page - STMicroelectronics AN3001 Datasheet HTML 5Page - STMicroelectronics AN3001 Datasheet HTML 6Page - STMicroelectronics AN3001 Datasheet HTML 7Page - STMicroelectronics AN3001 Datasheet HTML 8Page - STMicroelectronics AN3001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN3001
Description of the demonstration board
Doc ID 15911 Rev 1
3/12
2
Description of the demonstration board
The TS4657 demonstration board has been designed for evaluation purposes. The TS4657
device is soldered on a two-layer PCB.
Some key features of the TS4657 can be directly controlled through connectors or jumpers
on the demonstration board (Table 1).
Caution:
When you apply the power supply through J5, do not invert the polarity as doing so will
damage the chip.
Table 1.
Demonstration board connectors
Connector
Description
J1
MCLK: master clock input
J2
BCLK: bit clock input
J3
SDAT: serial data input
J4
LRCLK: left right clock input (channel selector input)
J5
Power supply connector (VCC and GND). Power supply voltage of the TS4657 from
3.0 to 5.5 V.
J6
Left audio output
J7
Right audio output
JP1
Allows selection of level on Format1 pin. Format1 and Format2 pins select the digital
input format (see section 4.1.2 Digital audio input format in the TS4657 datasheet).
If the jumper is removed, it is possible to control the Format1 by an external logic
signal (see section 3.3 DAC and output stage performances in the TS4657
datasheet).
JP2
Allows selection of level on Format2 pin. Format1 and Format2 pins select the digital
input format (see section 4.1.2 Digital audio input format in the TS4657 datasheet).
If the jumper is removed, it is possible to control the Format2 by an external logic
signal (see section 3.3 DAC and output stage performances in the TS4657
datasheet).
JP3
Controls the chip standby (JP1:1-2 = circuit activated, 2-3 = circuit in standby mode).
If the jumper is removed, it is possible to control the standby by an external logic
signal (see section 3.3 DAC and output stage performances in the TS4657
datasheet).
JP4
Allows connection of the C6 capacitor (used for the left output filter;
see Section 3.3: Output filters on page 6).
JP5
Allows short-circuiting of the R5 resistor (used for the left output filter; see
Section 3.3: Output filters on page 6).
JP6
Allows connection of the C7 capacitor (used for the right output filter; see
Section 3.3: Output filters on page 6).
JP7
Allows short-circuiting of the R7 resistor (used for the right output filter; see
Section 3.3: Output filters on page 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com