Electronic Components Datasheet Search
  English  ▼

X  

AN3001 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN3001
Description  TS4657 single supply stereo digital audio line driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3001 Datasheet(HTML) 2 Page - STMicroelectronics

  AN3001 Datasheet HTML 1Page - STMicroelectronics AN3001 Datasheet HTML 2Page - STMicroelectronics AN3001 Datasheet HTML 3Page - STMicroelectronics AN3001 Datasheet HTML 4Page - STMicroelectronics AN3001 Datasheet HTML 5Page - STMicroelectronics AN3001 Datasheet HTML 6Page - STMicroelectronics AN3001 Datasheet HTML 7Page - STMicroelectronics AN3001 Datasheet HTML 8Page - STMicroelectronics AN3001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
About the TS4657
AN3001
2/12
Doc ID 15911 Rev 1
1
About the TS4657
The TS4657 is a stereo digital-to analog-converter (DAC) that integrates a high-
performance audio line driver capable of generating a 2.2 Vrms output level from a single
3.0 to 5.5 V supply.
One single supply is sufficient for the digital and analog parts of the circuit, thus eliminating
the need for external regulators.
The TS4657 is a low-power consumption device. It features only 22 mW power dissipation
at a 3.0 V power supply in full operation.
A 16-bit multi-bit sigma delta DAC is used, operating at 256xFs with oversampling digital
interpolation filters. The digital audio data can be 16- to 24-bit long and sample rates from
32 to 48 kHz are supported.
The output stage signal is ground-referenced by using an internal self-generated negative
power supply, and as such external bulky output coupling capacitors are not necessary.
The TS4657 features the following.
●
Power supply range: 3.0 V to 5.5 V.
●
Audio line output: 2.2 Vrms for all VCC range.
●
16- to 24-bit audio data format stereo DAC, 32 to 48 kHz sample rate.
●
I²S, right- or left-justified compatible digital audio interface.
●
95 dB SNR A-weighted at 48 kHz, VCC =5V.
●
Low current consumption of 7.4 mA at VCC = 3.0 V, full operation.
●
Internal negative power supply to ensure ground-referenced, capless outputs.
●
No necessity for an external capacitor for negative power supply generation.
●
Integrated structure to suppress pop and click noise
●
Standby mode active low.
●
QFN20 package, 4mmx4mm,500µm pitch.
Refer to the datasheet entitled "Single supply stereo digital audio line driver with 2.2 Vrms
capless outputs" for complete information on the TS4657.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com