Electronic Components Datasheet Search
  English  ▼

X  

AN2678 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2678
Description  Extremely accurate timekeeping over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2678 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2678 Datasheet HTML 3Page - STMicroelectronics AN2678 Datasheet HTML 4Page - STMicroelectronics AN2678 Datasheet HTML 5Page - STMicroelectronics AN2678 Datasheet HTML 6Page - STMicroelectronics AN2678 Datasheet HTML 7Page - STMicroelectronics AN2678 Datasheet HTML 8Page - STMicroelectronics AN2678 Datasheet HTML 9Page - STMicroelectronics AN2678 Datasheet HTML 10Page - STMicroelectronics AN2678 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN2678
Calibrating the M41T83 using analog calibration
7/16
2
Calibrating the M41T83 using analog calibration
The analog calibration procedure is performed only once, at room temperature (25°C). It
begins with determining the frequency test signal's period, T512. Then, the software adjusts
the RTC oscillator via the analog calibration feature, and another measurement of T512 is
made. This cycle is repeated until the error is minimized, that is, until the oscillator can be
fine tuned no further. At that point, the RTC's accuracy will be approximately equal to the
microprocessor's oscillator accuracy, which, depending on the quality of its crystal, may not
vary more than +/–5 ppm over a wide temperature range.
2.1
Analog calibration circuit
The analog calibration circuit utilizes an array of load capacitors internal to the RTC as
shown in the inset of Figure 4.
Values written to the analog calibration register add or remove load capacitance to slow
down or speed up the oscillator, respectively. The 32 KHz crystals are designed to see a
specific load capacitance. ST builds this into their real-time clocks; users do not need to add
any external capacitance to the crystals. Values programmed into the analog calibration
register adjust the amount of this built-in load capacitance seen by the crystal.
As shown in Figure 4, two load capacitors are identified as CXI and CXO. Nominally, these
are 25 pF each. The adjustment range of the RTC is such that up to 18 pF can be
subtracted from each, or up to 9.75 pF can be added making the full range of each load
capacitor 7 to 34.75 pF.
The equivalent load capacitance is the series combination of the two, and is hence
nominally 12.5 pF with a range of 3.5 pF to 17.4 pF. (In other words, for identical capacitors,
the series equivalent value is ½ the individual values.)
The asymmetry in the adjustment range is due to the fact that the crystals tend to need
speeding up much more often than they need slowing down. This is evident upon
examining the watch crystal curve in Figure 1. Thus, much more capacitance can be
subtracted from nominal than can be added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com