Electronic Components Datasheet Search
  English  ▼

X  

AN2678 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2678
Description  Extremely accurate timekeeping over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2678 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2678 Datasheet HTML 5Page - STMicroelectronics AN2678 Datasheet HTML 6Page - STMicroelectronics AN2678 Datasheet HTML 7Page - STMicroelectronics AN2678 Datasheet HTML 8Page - STMicroelectronics AN2678 Datasheet HTML 9Page - STMicroelectronics AN2678 Datasheet HTML 10Page - STMicroelectronics AN2678 Datasheet HTML 11Page - STMicroelectronics AN2678 Datasheet HTML 12Page - STMicroelectronics AN2678 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN2678
Calibrating the M41T83 using analog calibration
9/16
These are typical values. The curve in Figure 4 may be shifted up or down, left or right for a
given crystal. Because the curve is non-linear, an increment of capacitance at one operating
point will not have the same effect as an equal increment at another operating point. Thus,
table-lookup methods cannot be used with analog calibration. Instead, an iterative
procedure is required to ensure accuracy.
2.2
Analog calibration algorithm
The analog calibration algorithm described herein uses a binary tree approach for
adjustment. It utilizes repeated measurements as described in the scheme above. With
each adjustment /measurement sequence, the RTC's oscillator is fine tuned with
progressively smaller changes of the internal load capacitance array via the analog
calibration register.
As shown in Figure 5, the procedure starts with zeroing out the analog calibration register,
then waiting a few milliseconds for the oscillator to stabilize. Next, the frequency
measurement is made of the FT signal. If it is faster than 512 Hz, load capacitance is added
to the RTC's oscillator. If it is slower than 512 Hz, capacitance is removed. And if the FT
signal is exactly 512 Hz, no further adjustment is required.
Figure 5.
Analog calibration algorithm
Set ACAL (012h) to 0
Wait for OSC to stabilize
FT?
FAST
SLOW
=512
DONE
Set ACAL (012h) to +4pF
Set ACAL (012h) to –8pF
FT?
FAST
SLOW
=512
DONE
Sub 4pF
Add 4pF
FT?
FAST
SLOW
=512
DONE
Sub 2pF
Add 2pF
FT?
FAST
SLOW
=512
DONE
Sub 1pF
Add 1pF
FT?
FAST
SLOW
=512
DONE
Sub 0.5pF
Add 0.5pF
FT?
FAST
SLOW
=512
DONE
Sub 0.25pF
Add 0.25pF
DONE
DONE
ai13999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com