Electronic Components Datasheet Search
  English  ▼

X  

AN2678 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2678
Description  Extremely accurate timekeeping over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2678 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2678 Datasheet HTML 1Page - STMicroelectronics AN2678 Datasheet HTML 2Page - STMicroelectronics AN2678 Datasheet HTML 3Page - STMicroelectronics AN2678 Datasheet HTML 4Page - STMicroelectronics AN2678 Datasheet HTML 5Page - STMicroelectronics AN2678 Datasheet HTML 6Page - STMicroelectronics AN2678 Datasheet HTML 7Page - STMicroelectronics AN2678 Datasheet HTML 8Page - STMicroelectronics AN2678 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
M41T82-83-93 series RTCs
AN2678
4/16
Figure 2.
Timing uncertainty
The first cycle of the sampled (bottom) waveform has the period
Similarly, the second cycle has the period
For both cycles together, the total period is
This shows that the uncertainty between all the samples (except the first and last) subtracts
out of the total with the result that only the uncertainty of the first and last cycles remains.
Thus, the net uncertainty will be small compared to the overall measured period, TN, of
multiple samples of the 512 Hz signal, as shown in Figure 3. So, by measuring several
consecutive samples of the 512 Hz signal, the uncertainty can be minimized to an
acceptable level.
TCLK
FT = 512Hz
FT after
sampling
TFTS1
TFTS2
TFT
ai13996
1
2
FT
FTS1
ε
ε
Τ
Τ
Τ
Τ
−
+
=
2
3
FT
FTS2
ε
ε
Τ
Τ
Τ
Τ
−
+
=
3
1
FT
2
3
1
2
FT
FTS2
FTS1
ε
ε
ε
ε
ε
ε
Τ
Τ
Τ
2
Τ
Τ
Τ
Τ
Τ
2
Τ
Τ
+
−
×
=
−
+
−
+
×
=
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com