Electronic Components Datasheet Search
  English  ▼

X  

AN2678 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2678
Description  Extremely accurate timekeeping over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2678 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2678 Datasheet HTML 1Page - STMicroelectronics AN2678 Datasheet HTML 2Page - STMicroelectronics AN2678 Datasheet HTML 3Page - STMicroelectronics AN2678 Datasheet HTML 4Page - STMicroelectronics AN2678 Datasheet HTML 5Page - STMicroelectronics AN2678 Datasheet HTML 6Page - STMicroelectronics AN2678 Datasheet HTML 7Page - STMicroelectronics AN2678 Datasheet HTML 8Page - STMicroelectronics AN2678 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN2678
M41T82-83-93 series RTCs
5/16
Figure 3.
Example timing
1.4
Calculating the period
As shown in Figure 3, the microprocessor will measure multiple cycles of the FT signal to
get a total period, TN. The calculated period of the 512 Hz is then
If N is sufficiently large, the uncertainty error, TεN – Tε1, can be ignored.
The microprocessor's timer will measure the Ti, the period of each sample. Either software
or some other timer function, such as a pulse accumulator, available on many
microprocessor timers, will count the number of samples, N. Likewise TN is the sum of the
Ti, and can be accumulated in a timer function or in software. Once these are determined,
software will then calculate T512 by dividing TN by N.
TN
Ti
N cycles
TN=
Ti
i=1
N
FT = 512Hz
ai13997
N
Τ
N
Τ
Τ
N
1
i
i
N
512
∑
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com