Electronic Components Datasheet Search
  English  ▼

X  

AN2678 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2678
Description  Extremely accurate timekeeping over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2678 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2678 Datasheet HTML 1Page - STMicroelectronics AN2678 Datasheet HTML 2Page - STMicroelectronics AN2678 Datasheet HTML 3Page - STMicroelectronics AN2678 Datasheet HTML 4Page - STMicroelectronics AN2678 Datasheet HTML 5Page - STMicroelectronics AN2678 Datasheet HTML 6Page - STMicroelectronics AN2678 Datasheet HTML 7Page - STMicroelectronics AN2678 Datasheet HTML 8Page - STMicroelectronics AN2678 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M41T82-83-93 series RTCs
AN2678
2/16
1
M41T82-83-93 series RTCs
ST has long offered RTCs with digital calibration, and the new M41T82-83-93 series follows
suit. In addition to digital calibration utilizing periodic counter correction, this new series
features analog calibration wherein the oscillator frequency can be adjusted by adding or
removing load capacitance via a programmable capacitance array. Analog calibration has
the added benefit of instantaneous feedback for the user; adjustments to the oscillator
speed are immediately visible in the 512 Hz test output signal built into the devices.
1.1
Oscillator temperature characteristics
As shown in Figure 1, the frequency error of typical 32 KHz oscillators is around –25 parts
per million (ppm) at both 0°C and 50°C. That is, at 25° above and below room temperature,
the device exhibits a frequency deviation of –25 ppm, and it only gets worse as the
temperature deviates farther from +/–25°C.
Conversely, for an AT cut crystal, as is commonly used with microprocessors, the frequency
deviation is much less pronounced over a wide range of temperatures. The trade-off is that
AT cut crystals usually operate at frequencies much, much higher than watch crystals and
thus require much more power - too much for battery backup as is typically employed with
real-time clocks (RTCs).
But it is possible to get the low power performance of watch crystals along with the wide
temperature accuracy of AT cut crystals if the RTC can be periodically calibrated by the
microprocessor, almost all of which nowadays include timers that can be employed to
measure the frequency test (FT) pin of the RTC and correct any error in the timing utilizing
the calibration features of the RTC.
The approach discussed herein utilizes both of the calibration circuits in ST's M41T82,
M41T83 and M41T93 serial RTCs. This application note describes how to perform an initial
calibration, using the analog circuit, followed by occasional calibration updates using the
digital calibration circuit.
Initially, the analog calibration circuit is adjusted at room temperature, in a closed loop
fashion wherein successively smaller and smaller adjustments are made until the error is
minimized. After that, during normal operation, the microprocessor will periodically measure
the error as before, then use a look-up table, and write adjustments to the digital calibration
circuit.
1.2
Frequency test output
In the case of ST's M41T82, M41T83 and M41T93 serial RTCs, the frequency test signal is
output on the IRQ/FT/OUT pin. It is enabled by setting the FT bit (bit 6, register 0x08) to 1 in
the M41T82 and M41T83. (Refer to the datasheets for more information and for the
M41T93 details.) The FT signal is measured by test equipment and/or the microprocessor.
The calibration circuits are then adjusted accordingly.
The frequency test signal is nominally 512 Hz and is derived from the 32,768 Hz oscillator.
During the analog calibration sequence, changes in the oscillator will appear in real-time in
the FT signal. Thus, analog calibration changes can be measured and errors can be
minimized on-the-fly by the system microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com