Electronic Components Datasheet Search
  English  ▼

X  

AN4146 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 7Page - STMicroelectronics AN4146 Datasheet HTML 8Page - STMicroelectronics AN4146 Datasheet HTML 9Page - STMicroelectronics AN4146 Datasheet HTML 10Page - STMicroelectronics AN4146 Datasheet HTML 11Page - STMicroelectronics AN4146 Datasheet HTML 12Page - STMicroelectronics AN4146 Datasheet HTML 13Page - STMicroelectronics AN4146 Datasheet HTML 14Page - STMicroelectronics AN4146 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DocID023502 Rev 2
11/30
AN4146
Demonstration board and accessories
1.5.2
Clock management
Clock management is an important topic since all of the devices involved have their own
clock.
Figure 9. Clock management - block diagram subsection
The processor device needs two clocks: one for its digital core and one for the PDM (a
register bit allows selecting the ratio between the two clocks). The microphones and the
PDM interface need the same clock while the processor core clock is fed with a quadruple of
such clock. The core clock can be provided to the processor through the STEVAL-
CCA035V1, 12.288 MHz on pin 15, or thanks to an onboard 11.2896 MHz oscillator, the
selector S1 (R82-R83) is used to select one of these two clocks. The choice of the
frequency value depends on the desired output sampling frequency of the I2S:
•
12.288 MHz: Fs = 12.288/64 = 192 kHz
→ Fs = 48 kHz enabling I2S decimator
•
11.2896 MHz: Fs = 11.2896/64 = 176.4 kHz
→ Fs =44.1 kHz enabling I2S decimator
The clock for the microphones and PDM interface is generated thanks to the PLL enabling
the device microphone mode (refer to the STA321MP datasheet) and exported thanks to the
clock-out (pin 25). The PDM interface is internally clocked by enabling one bit of a dedicated
device register. If the microphone mode is not enabled, the external flip-flop is used as a
frequency divider of the clock-out; this is for a debugging purposes only. For this reason, the
I/F_CLK pin stays open by not soldering it to R32.The clock routing is managed by the two
selectors S10, S11 called MIC_CLK_SEL on the board serigraphy. In microphone mode, the
STA321MPL
PDM Interface
11.2896MHz
Level shifter
Low
1.8V
S10
S11
S1
3.3V
3.3V
3.3V
/2
/4
Flip-flop
CK
High
3.3V
Microphones
Clock
APWlink
connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com