Electronic Components Datasheet Search
  English  ▼

X  

AN4146 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 22Page - STMicroelectronics AN4146 Datasheet HTML 23Page - STMicroelectronics AN4146 Datasheet HTML 24Page - STMicroelectronics AN4146 Datasheet HTML 25Page - STMicroelectronics AN4146 Datasheet HTML 26Page - STMicroelectronics AN4146 Datasheet HTML 27Page - STMicroelectronics AN4146 Datasheet HTML 28Page - STMicroelectronics AN4146 Datasheet HTML 29Page - STMicroelectronics AN4146 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
DocID023502 Rev 2
27/30
AN4146
STEVAL-MKI126Vx schematics, layout and BOM
Table 5. STEVAL-MK126Vx bill of material
Type
Package
Description
Qty
Reference
Manufacturer
Remark
CCAP
CC0603
100 nF +/-10% X7R 50 V
18
C1 C5 C8 C11 C12
C15 C16 C17 C18
C19 C20 C22 C26
C27 C54 C55 C23
C39
CCAP
CC0805
10 uF +/-10% X7R 10 V
2
C10 C21
Murata
CCAP
CC0603
15 pF +/-10% NPO 50 V
12
C28 C29 C30 C31
C32 C33 C34 C35
C36 C37 C38 C41
Murata
CCAP
CC0603
220 pF +/-10% NPO 50 V
4
C47-49 C51
Murata
CCAP
CC1206
10 uF +/-10% X7R 10 V
4
C24 C25 C40 C42
Murata
CCAP
CC0603
1 nF +/-5% X7R 50 V
2
C9 C13
Murata
CCAP
CC0603
1 uF +/-10% X7R 10 V
2
C3 C53
Murata
CCAP
CC0603
100 pF +/-10% NPO 50 V
1
C14
Murata
CCAP
CC0603
10 pF +/-10% NPO 50 V
2
C6 C7
Murata
CCAP
CC0603
47 pF +/-10% NPO 50 V
1
C4
Murata
CCAP
CC0603
470 pF +/-10% NPO 50 V
2
C43 C45
Murata
CCAP
CC0603
150 pF +/-10% NPO 50 V
2
C44 C46
Murata
CCAP
CC0603
33nF +/-5% X7R 50V
1
C2
Murata
TCAP
C7343
220 uf 10 V +/-10% 125°C
tanatalum
2
C50 C52
AVX
RES
R0603
0 ohm +/-10% 1/8W
19
R6 R36 R38 R43
R44 R46 R48 R51
R65 R67 R69 R71
R73 R75 R76 R79
R80 R82 R84
Murata
RES
R0603
0 ohm +/-10% 1/8W
20
R32 R37 R39 R40
R41 R42 R45 R47
R49 R50 R64 R66
R68 R70 R72 R74
R77 R78 R81 R83
R85
Murata
Do not
solder
RES
R0603
100 ohm +/-10% 1/8W
10
R1 R4 R5 R8 R9 R10
R11 R12 R13 R33
Murata
RES
R0603
220 ohm +/-10% 1/8W
1
R34
Murata
RES
R0603
75 ohm +/-10% 1/8W
1
R54
Murata
RES
R0603
10K ohm +/-10% 1/8W
6
R2 R7 R26 R27 R28
R29
Murata
RES
R0603
3.3 k ohm +/-10% 1/8W
1
R3
Murata



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com