Electronic Components Datasheet Search
  English  ▼

X  

AN4146 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 20Page - STMicroelectronics AN4146 Datasheet HTML 21Page - STMicroelectronics AN4146 Datasheet HTML 22Page - STMicroelectronics AN4146 Datasheet HTML 23Page - STMicroelectronics AN4146 Datasheet HTML 24Page - STMicroelectronics AN4146 Datasheet HTML 25Page - STMicroelectronics AN4146 Datasheet HTML 26Page - STMicroelectronics AN4146 Datasheet HTML 27Page - STMicroelectronics AN4146 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
STEVAL-MKI126Vx schematics, layout and BOM
AN4146
24/30
DocID023502 Rev 2
Figure 21. STEVAL-MKI126Vx schematic - page 3
On board Mic socket
On Board MIC
JP3
JP
1
2
3
J12
CON3
1
2
3
J25
CON3
1
2
3
J26
CON3
1
2
3
J28
CON3
1
2
3
J29
CON3
1
2
3
J30
CON3
1
2
3
J14
CON3
1
2
3
J31
CON3
1
2
3
J32
CON3
1
2
3
J34
CON3
1
2
3
J35
CON3
1
2
3
J36
CON3
1
GND
2
LR
3
GND
6
VDD
5
DOUT
4
CLK
U3
MP45DT01
C10
10uF
C20
100nF
1
GND
2
LR
3
GND
6
VDD
5
DOUT
4
CLK
U5
MP45DT01
C21
10uF
C22
100nF
C28
15pF
C29
15pF
R8
100R
C31
15pF
R9
100R
R10
100R
C32
15pF
C34
15pF
R11
100R
R12
100R
R13
100R
C36
15pF
C38
15pF
C30
15pF
C33
15pF
C35
15pF
C37
15pF
C41
15pF
R37
0R0 N.F.
R36
0R0
R38
0R0
R39
0R0 N.F.
R45
0R0 N.F.
R47
0R0 N.F.
R49
0R0 N.F.
R50
0R0 N.F.
1
CLK
3
VDD
4
DATA
2
L/R
U9
MP34DB01
1
CLK
3
VDD
4
DATA
2
L/R
U11
MP34DB01
3
CLK
4
DATA
2
L/R
1
VDD
U12
MP34DT01
3
CLK
4
DATA
2
L/R
1
VDD
U13
MP34DT01
MIC_VCC
MIC_DATA3
MIC_CK
MIC_VCC
MIC_DATA4
MIC_CK
MIC_VCC
MIC_DATA5
MIC_CK
MIC_VCC
MIC_DATA6
MIC_CK
MIC_CK
MIC_DATA1_BOARD
MIC_VCC
MIC_CK
MIC_DATA2_BOARD
MIC_VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com