Electronic Components Datasheet Search
  English  ▼

X  

AN4146 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 16Page - STMicroelectronics AN4146 Datasheet HTML 17Page - STMicroelectronics AN4146 Datasheet HTML 18Page - STMicroelectronics AN4146 Datasheet HTML 19Page - STMicroelectronics AN4146 Datasheet HTML 20Page - STMicroelectronics AN4146 Datasheet HTML 21Page - STMicroelectronics AN4146 Datasheet HTML 22Page - STMicroelectronics AN4146 Datasheet HTML 23Page - STMicroelectronics AN4146 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Software settings
AN4146
20/30
DocID023502 Rev 2
The selection of the kit as a "Multi-microphone interface" will perform the I2C writes given in
the table below.
Table 4. I2C writes of setup file
Address
Value
Note
00
9B
PDM interface enable
02
20
20: FS = XTI/256.
Example:
44.1 kHz = 11.2896 MHz/256
48 kHz = 12.288 MHz/256
04
18
Ch4/5 Binary
07
7A
Remove Soft Volume
08
80
Bridge power-UP
0A
00
Master volume 0 dB
0B
54
Ch1: +6 dB
0C
54
Ch2: +6 dB
0E
48
Ch4: +12 dB
0F
48
Ch5: +12 dB
5D
01
Microphone mode
81
09
Output I2S interface pins set as output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com