Electronic Components Datasheet Search
  English  ▼

X  

AN4146 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 8Page - STMicroelectronics AN4146 Datasheet HTML 9Page - STMicroelectronics AN4146 Datasheet HTML 10Page - STMicroelectronics AN4146 Datasheet HTML 11Page - STMicroelectronics AN4146 Datasheet HTML 12Page - STMicroelectronics AN4146 Datasheet HTML 13Page - STMicroelectronics AN4146 Datasheet HTML 14Page - STMicroelectronics AN4146 Datasheet HTML 15Page - STMicroelectronics AN4146 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Demonstration board and accessories
AN4146
12/30
DocID023502 Rev 2
clock-out works exactly as the microphone clock, so it must be provided to the microphone
pins. This is done by closing the resistor R43 of the selector S11 (R42-R43). In the case of
supplying the microphones at 1.8 V, the clock provided to the microphones must be reduced
from 3.3 V to 1.8 V. The level shifter provides this scaled clock, if needed. When the user
wants to feed the microphones at 1.8 V, the resistor R42 of the selector S11 must be
soldered instead of R43 (R42-R43).The selector S10 (R40-R41) is used when the
microphone mode is not enabled, thus, for debugging purposes only. For this reason, both
of its resistors are not soldered.
1.5.3
MEMS microphones, PDM interface and level shifter
Since the STA321MP processor manages the channels separately, there is no need to set
the microphone in stereo configuration in this demonstration board. The L/R pins can be set
to either GND or VDD through the selectors S4, S5, S6, S7, S8 and S9 (respectively the
couples R38-R39, R36-R37, R46-R47, R44-R45, R48-R49 and R50-R51). By default, all
the L/R pins are connected to GND, in other words R36, R38, R44, R46, R48 and R51 are
soldered.
The processor STA321MP samples the microphone data according to the PDM interface
clock. The sampling edge can be set to both rising and falling since, in microphone mode,
the processor provides an internal PDM interface clock shifted 90º with respect to the clock-
out. Refer to the STA321MP/MPL datasheet for details.
The data output is a digital signal carrying the audio information with a PDM encoding. The
processor STA321MP is able to decode these signals and convert them into the more
common I2S and PWM. The I2S signal is routed both on a general connector and APWLink
connector; the PWM signals, suitably filtered, provide an analog interface (fuchsia traces in
Figure 10 on page 13).
Table 1. L/R channel selection
L/R
Clock low
Clock high
GND
Data valid
High impedance
VDD
High impedance
Data valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com