Electronic Components Datasheet Search
  English  ▼

X  

UM0156 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0156
Description  SDK-ST10F269 Quick Start Software Development Kit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0156 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0156 Datasheet HTML 6Page - STMicroelectronics UM0156 Datasheet HTML 7Page - STMicroelectronics UM0156 Datasheet HTML 8Page - STMicroelectronics UM0156 Datasheet HTML 9Page - STMicroelectronics UM0156 Datasheet HTML 10Page - STMicroelectronics UM0156 Datasheet HTML 11Page - STMicroelectronics UM0156 Datasheet HTML 12Page - STMicroelectronics UM0156 Datasheet HTML 13Page - STMicroelectronics UM0156 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
1 Main Devices and Features
UM0156 - USER MANUAL
10/35
1.2
M24C04 4Kbit Serial I²C Bus EEPROM
The M24C04 core features include:
●
Two-wire I2C Serial Interface;
●
supports 400kHz Protocol;
●
write control input;
●
BYTE and PAGE WRITE (up to 16 Bytes);
●
RANDOM and SEQUENTIAL READ modes;
●
self-timed programming cycle;
●
automatic address incrementing;
●
enhanced ESD/latch-up behavior;
●
more than 1 million Erase/WRITE cycles; and
●
more than 40-year data retention.
The M24C04 allows the developer to store and restore user data through a standard I2C bus
interface. It is accessible through 3 switches on the board which connect to the ST10F269 via
the Synchronous Serial Channel (SSC) port (see
Figure 3 on page 7).
Note: Refer to the M24C04 datasheet for more details (http://www.st.com/eeprom/).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com