Electronic Components Datasheet Search
  English  ▼

X  

UM0156 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0156
Description  SDK-ST10F269 Quick Start Software Development Kit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0156 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0156 Datasheet HTML 18Page - STMicroelectronics UM0156 Datasheet HTML 19Page - STMicroelectronics UM0156 Datasheet HTML 20Page - STMicroelectronics UM0156 Datasheet HTML 21Page - STMicroelectronics UM0156 Datasheet HTML 22Page - STMicroelectronics UM0156 Datasheet HTML 23Page - STMicroelectronics UM0156 Datasheet HTML 24Page - STMicroelectronics UM0156 Datasheet HTML 25Page - STMicroelectronics UM0156 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Appendix A: Strip-line Pin Descriptions
UM0156 - USER MANUAL
22/35
Appendix A: Strip-line Pin Descriptions
Figure 3 on page 7 shows that all of the ST10F269 connections are traced to four strip-lines
around the chip (see
Table 7 for pin assignments by connector).
Starting at the bottom 36-pin strip, J8, and moving counter clockwise around the
microcontroller, the rest of the strips are J9, J10, and J11.
Table 7.
Strip-line (4) Connector Pin Assignments
Note:
“(*)” Represents the third alternate functions for pin 20 - CC24IO; pin 21 - CC25IO; pin 22 -
CC26IO; and pin 23 - CC27IO.
Pin
Connector J8
Connector J9
Connector J10
Connector J11
1
P6.0/~CS0
VA_REF
P3.6/T3IN
P0H.1/AD9
2
P6.1/~CS1
VA_GND
P3.7/T2IN
P0H.2/AD10
3
P6.2/~CS2
P5.10/AN10/T6EUD
P3.8/MRST
P0H.3/AD11
4
P6.3/~CS3
P5.11/AN11/T5EUD
P3.9/MTSR
P0H.4/AD12
5
P6.4/~CS4
P5.12/AN12/T6IN
P3.10/TXD0
P0H.5/AD13
6
P6.5/~HOLD
P5.13/AN13/T5IN
P3.11/RXD0
P0H.6/AD14
7
P6.6/~HLDA
P5.14/AN14/T4EUD
P3.12/~BHE/~WRH
P0H.7/AD15
8
P6.7/~BREQ
P5.15/AN15/T2EUD
P3.13/SCLK
P1L.0/A0
9
P8.0/CC16IO
P2.0/CC0IO
P3.15/CLKOUT
P1L.1/A1
10
P8.1/CC17IO
P2.1/CC1IO
RPD
P1L.2/A2
11
P8.2/CC18IO
P2.2/CC2IO
P4.0/A16
P1L.3/A3
12
P8.3/CC19IO
P2.3/CC3IO
P4.1/A17
P1L.4/A4
13
P8.4/CC20IO
P2.4/CC4IO
P4.2/A18
P1L.5/A5
14
P8.5/CC21IO
P2.5/CC5IO
P4.3/A19
P1L.6/A6
15
P8.6/CC22IO
P2.6/CC6IO
P4.4/A20/CAN2.RxD
P1L.7/A7
16
P8.7/CC23IO
P2.7/CC7IO
P4.5/A21/CAN1.RxD
P1H.0/A8
17
P7.0/P_OUT0
P2.8/CC8IO/EX0IN
P4.6/A22/CAN1.TxD
P1H.1/A9
18
P7.1/P_OUT1
P2.9/CC9IO/EX1IN
P4.7/A23/CAN2.TxD
P1H.2/A10
19
P7.2/P_OUT2
P2.10/CC10IO/EX2IN
~RD
P1H.3/A11
20
P7.3/P_OUT3
P2.11/CC11IO/EX3IN
~(WR/WRL)
P1H.4/A12/(*)
21
P7.4/CC28IO
P2.12/CC12IO/EX4IN
~READY
P1H.5/A13/(*)
22
P7.5/CC29IO
P2.13/CC13IO/EX5IN
ALE
P1H.6/A14/(*)
23
P7.6/CC30IO
P2.14/CC14IO/EX6IN
~EA
~EA
24
P7.7/CC31IO
P2.15/CC15IO/EX7IN/T7IN P0L.0/AD0
P0L.0/AD0
25
P5.0/AN0
P3.0/T0IN
P0L.1/AD1
P0L.1/AD1
26
P5.1/AN1
P3.1/T6OUT
P0L.2/AD2
P0L.2/AD2
27
P5.2/AN2
P3.2/CAPIN
P3.2/CAPIN
P0L.3/AD3
28
P5.3/AN3
P3.3/T3OUT
P3.3/T3OUT
P0L.4/AD4
29
P5.4/AN4
P3.4T3EUD
P3.4T3EUD
P0L.5/AD5
30
P5.5/AN5
P3.5/T4IN
P3.5/T4IN
P0L.6/AD6
31
P5.6/AN6
N.C.
N.C.
P0L.7/AD7
32
P5.7/AN7
N.C.
N.C.
P0H.0/AD8
33
P5.8/AN8
+3.3V
+3.3V
+3.3V
34
P5.9/AN9
+12V
+12V
+12V
35
+5V
+5V
+5V
+5V
36
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com