Electronic Components Datasheet Search
  English  ▼

X  

UM0156 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0156
Description  SDK-ST10F269 Quick Start Software Development Kit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0156 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0156 Datasheet HTML 27Page - STMicroelectronics UM0156 Datasheet HTML 28Page - STMicroelectronics UM0156 Datasheet HTML 29Page - STMicroelectronics UM0156 Datasheet HTML 30Page - STMicroelectronics UM0156 Datasheet HTML 31Page - STMicroelectronics UM0156 Datasheet HTML 32Page - STMicroelectronics UM0156 Datasheet HTML 33Page - STMicroelectronics UM0156 Datasheet HTML 34Page - STMicroelectronics UM0156 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Appendix E: SDK-ST10F269 CD-ROM Content
UM0156 - USER MANUAL
32/35
Appendix E: SDK-ST10F269 CD-ROM Content
The SDK-ST10F269 is a low-cost, 2-layer board. The companion CD for the Quick Start
Software Development Kit has everything the user needs to start application development (e.g.,
tools, code, and documentation), for example:
●
a ready-to-use software environment (including sample code) for generating and compiling
code of up to 4kb (µVision3 v3.05, from Keil Software, http://www.keil.com/);
●
ST10Flasher (application by STMicroelectronics that programs the ST10F269 internal
Flash memory); and
●
Gerber files (which offer developers a more cost-effective way to realize the board).
The CD’s root directory provides a short presentation illustrating the main features of the
ST10F269 board, as well as a soft copy of this User Manual in PDF format.
Note: Using the HTML file (in the CD’s root directory) to browse the CD-ROM is recommended.
Tools
●
MonolithicICmotor: Contains Application Notes and Datasheets for driving external motors
with the three power motor connectors
●
Examples: contains several sub-folders with complete projects for the ST10F269 (refer to
the README.txt file for content information)
●
FLASHER-KEIL: a brief guide for using the ST10Flasher provided in the CD-ROM
●
SDK_Presentation_ST10training: provides an SDK-ST10F269 board presentation and
ST10F269 microprocessor startup training
●
µVision3 Software: the “C-like” compiler used to generate code to download onto the
ST10F269 through the (included) ST10Flasher; ek166v504a is the executable file useful
for installing the software environment
●
stfl22.zip: contains ST10Flasher which allows developers to download code in
hexadecimal format to the ST10F269’s Flash memory
Note: When used with µVision3, the ST10Flasher application may be run directly from the
programming environment or separately.
Code
●
pack_st10dsp_lib.zip: compressed archive that contains several libraries developed by
STMicroelectronics to use the ST10F269 DSP features
●
GeberFiles: files that give users the ability to realize their own board (i.e., for printing
layouts of the PCB)
Note: Consult the Readme.txt file prior to using the Gerber files.
●
GerberFiles.zip: archive that stores all of the files necessary to develop and print the
SDKST10F269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com