Electronic Components Datasheet Search
  English  ▼

X  

UM0156 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0156
Description  SDK-ST10F269 Quick Start Software Development Kit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0156 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0156 Datasheet HTML 10Page - STMicroelectronics UM0156 Datasheet HTML 11Page - STMicroelectronics UM0156 Datasheet HTML 12Page - STMicroelectronics UM0156 Datasheet HTML 13Page - STMicroelectronics UM0156 Datasheet HTML 14Page - STMicroelectronics UM0156 Datasheet HTML 15Page - STMicroelectronics UM0156 Datasheet HTML 16Page - STMicroelectronics UM0156 Datasheet HTML 17Page - STMicroelectronics UM0156 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
3 Connectors
UM0156 - USER MANUAL
14/35
3.2
Power Board Connectors (for Motor Control)
Each of the three power connectors on the SDK-ST10F269 development board has 26 pins
(see
Figure 7). When a connector is used with a compatible motor board, the user can drive
motors with the following signals:
●
PWM,
●
Hall Effect sensor/GPIO,
●
Power/Brake,
●
Encoder,
●
Tachometer/Resolver,
●
Shutdown, and
●
Alarm.
Figure 7.
Power Board Connector and Related Signals
AI11193
L2
HALL3/GPIO1
EC1
H1/BRAKE
RES2
H3/GPIO3
DYNAMO/RES1
SHUT_DOWN
HALL1
PWM0
ALARM
HALL2/GPIO2
EC2
H2/FW\REV
L1/ENABLE
L3/GPIO4
SENSE
T2EUD
T2IN
Set Point ENC
P 1L.5
P2 .1 4
P4 .2
P7 .0
P 1L.2
P5 .2
P 1L.4
P8 .2
P 1L.1
P8 .1
P2 .1 3
P5 .1
P4 .0
P 1L.3
P5 .0
P5 .1 5
P 1L.0
P3 .7
P8 .0
P2 .1
GND
GND
+12V
1
3
5
7
9
11
13
15
17
19
21
23
25
2
4
6
8
10
12
14
16
18
20
22
24
26
C5
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com