Electronic Components Datasheet Search
  English  ▼

X  

UPD17068 Datasheet(PDF) 47 Page - NEC

Part # UPD17068
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17068 Datasheet(HTML) 47 Page - NEC

Back Button UPD17068 Datasheet HTML 43Page - NEC UPD17068 Datasheet HTML 44Page - NEC UPD17068 Datasheet HTML 45Page - NEC UPD17068 Datasheet HTML 46Page - NEC UPD17068 Datasheet HTML 47Page - NEC UPD17068 Datasheet HTML 48Page - NEC UPD17068 Datasheet HTML 49Page - NEC UPD17068 Datasheet HTML 50Page - NEC UPD17068 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 341 page
background image
47
µPD17068
5.4
WINDOW REGISTER (WR)
5.4.1
Format of Window Register
Fig. 5-4 shows the format of the window register.
As shown in Fig. 5-4, the window register consists of the 4 bits of 78H of a system register.
Fig. 5-4 Format of Window Register
5.4.2
Window Register Functions
The window register is used to transfer data to and from a register file (RF) described later.
For data transfer to and from a register file, the dedicated instructions PEEK WR, rf and POKE rf, WR are
used (rf: register file address).
The operation performed when each instruction is executed is described in (1) and (2) below.
See also Chapter 8.
(1) PEEK WR, rf instruction
The instruction transfers the contents of the register file addressed by rf to the window register.
(2) POKE rf, WR instruction
The instruction transfers the contents of the window register to the register file addressed by rf.
Address
78H
Window register
(WR)
WR
b3
b2
b1
b0
Bit
Data
Power-on
Clock stop
CE
L
S
B
M
S
B
Symbol
Register
The previous state is held.
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com