Electronic Components Datasheet Search
  English  ▼

X  

UPD17068 Datasheet(PDF) 19 Page - NEC

Part # UPD17068
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17068 Datasheet(HTML) 19 Page - NEC

Back Button UPD17068 Datasheet HTML 15Page - NEC UPD17068 Datasheet HTML 16Page - NEC UPD17068 Datasheet HTML 17Page - NEC UPD17068 Datasheet HTML 18Page - NEC UPD17068 Datasheet HTML 19Page - NEC UPD17068 Datasheet HTML 20Page - NEC UPD17068 Datasheet HTML 21Page - NEC UPD17068 Datasheet HTML 22Page - NEC UPD17068 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 341 page
background image
19
µPD17068
Pin
Function
I/O
Output type
At reset
Also used as:
EO
Output pin for the charge pump of the
Output
CMOS tristate
High impedance
–
PLL frequency synthesizer.
When the divided local oscillation
(VCO) frequency is higher than the
reference frequency, the output of this
pin goes to high level. When the
divided frequency is lower than the
reference frequency, the output of this
pin goes to low level. When the
frequencies are the same, this pin
enters floating status.
PSC
Output pin for pulse swallow control.
Output
CMOS push-pull
Output
–
This pin is used to output a signal to
change the frequency division ratio
to the
µPB595 dedicated prescaler.
VCO
Local oscillation input pin.
Input
–
Internally pulled-
–
The local oscillation (VCO) output from
down
the tuner is frequency-divided by the
µPB595 dedicated prescaler and input
to this pin (the
µPB595 is a two-
modulus prescaler for up to 1 GHz).
HSCNT
Input pin for horizontal synchronizing
Input
–
Input
P0B3
signal counter.
BLANK
Output pin for the blanking signal for
Output
CMOS push-pull
Low-level output
–
cutting the video signal.
The signal is high active.
RED
Output pin for the R signal for
Output
CMOS push-pull
Low-level output
–
character data received from the IDC.
The signal is high active.
GREEN
Output pin for the G signal for
Output
CMOS push-pull
Low-level output
–
character data from the IDC.
The signal is high active.
BLUE
Output pin for the B signal for
Output
CMOS push-pull
Low-level output
–
character data from the IDC.
The signal is high active.
I
Output pin for the I signal for character
Output
CMOS push-pull
Input
P0B2
data from the IDC.
HSYNC
Input pin for the horizontal synchro-
Input
–
Input
–
nizing signal for the IDC.
Used to input the active-low horizontal
synchronizing signal.
VSYNC
Input pin for the vertical synchronizing
Input
–
Input
–
signal for the IDC.
Used to input the active-low vertical
synchronizing signal.
OSCIN
–
–
–
–
OSCOUT
Pins for connecting the LC oscillation
circuit for the IDC.
Used to connect a 10 MHz LC
oscillation circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com