Electronic Components Datasheet Search
  English  ▼

X  

UM1529 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1529
Description  This document describes the functioning
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1529 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1529 Datasheet HTML 1Page - STMicroelectronics UM1529 Datasheet HTML 2Page - STMicroelectronics UM1529 Datasheet HTML 3Page - STMicroelectronics UM1529 Datasheet HTML 4Page - STMicroelectronics UM1529 Datasheet HTML 5Page - STMicroelectronics UM1529 Datasheet HTML 6Page - STMicroelectronics UM1529 Datasheet HTML 7Page - STMicroelectronics UM1529 Datasheet HTML 8Page - STMicroelectronics UM1529 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
September 2012
Doc ID 022953 Rev 1
1/35
UM1529
User manual
Single-phase energy meter with 80 A maximum current based on STPM10
metering IC and STM8L152C6 MCU with dual interface EEPROM
Introduction
This document describes the functioning of a single-phase energy meter based on the
STPM10 metering IC and STM8L152C6 microcontroller.
The demonstration board STEVAL-IPE020V1 is a fully functional single-phase solution with
parameter display, tamper management, maximum demand (MD) calculation, with dual
interface (RF and I2C interface) EEPROM data logging and low-power management. The
meter specifications are:
■ Accuracy: class 1 with dynamic range 200:1
■ Nominal voltage: 240 V
■ Nominal current: 10 A (ITYP)
■ Maximum current: 80 A (IMAX)
■ Operating range: 0.6 Vb to 1.2 Vb
■ Meter constant: 1600 impulses/kWh
■ Power frequency range: 45 Hz to 65 Hz
■ Sensor: primary side CT and secondary side shunt
■ Communication interface: IrDA
Figure 1.
Single-phase energy meter solution based on STPM10 and STM8L152C6
with dual interface EEPROM
www.st.com


Similar Part No. - UM1529

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM1521 ETC1-UM1521 Datasheet
294Kb / 2P
UM1500 SERIES, 15 to 20 Watt DC-DC Converters
UM1522 ETC1-UM1522 Datasheet
294Kb / 2P
UM1500 SERIES, 15 to 20 Watt DC-DC Converters
UM1523 ETC1-UM1523 Datasheet
294Kb / 2P
UM1500 SERIES, 15 to 20 Watt DC-DC Converters
UM1524 ETC1-UM1524 Datasheet
294Kb / 2P
UM1500 SERIES, 15 to 20 Watt DC-DC Converters
logo
STMicroelectronics
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
This document describes the functions
19-Sep-2012
More results

Similar Description - UM1529

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0576 STMICROELECTRONICS-UM0576 Datasheet
1Mb / 29P
This document explains the functioning and operation of the STEVAL-CCH002V1
20-Aug-2008
TN0436 STMICROELECTRONICS-TN0436 Datasheet
73Kb / 10P
This document describes the differences between
18-Sep-2013
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
This document describes the functions
19-Sep-2012
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
This document describes the functioning
30-Aug-2012
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
This document describes
29-Apr-2010
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
This document describes
26-Aug-2011
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
This document describes
20-Sep-2011
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
This document describes
17-Jun-2009
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
This document describes the operation
logo
ams AG
AS1111C AMSCO-AS1111C Datasheet
759Kb / 10P
This document describes the AS1111C Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com