Electronic Components Datasheet Search
  English  ▼

X  

UM1529 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1529
Description  This document describes the functioning
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1529 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1529 Datasheet HTML 26Page - STMicroelectronics UM1529 Datasheet HTML 27Page - STMicroelectronics UM1529 Datasheet HTML 28Page - STMicroelectronics UM1529 Datasheet HTML 29Page - STMicroelectronics UM1529 Datasheet HTML 30Page - STMicroelectronics UM1529 Datasheet HTML 31Page - STMicroelectronics UM1529 Datasheet HTML 32Page - STMicroelectronics UM1529 Datasheet HTML 33Page - STMicroelectronics UM1529 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Connectors
and jumpers
J4,J5
4-pin connector
4-pin (2.54 mm)
Any
J6
2-pin connector
2-pin (2.54 mm)
Any
J7
10 way, 2x5-pin
2x5 (2.54 mm)
Any
LEDs
D10
LED
Leaded (3 mm)
HLMP-K150
Digi-Key
516-1311-ND
Capacitors
C1,C3,C4,C20,C23,C
27
1 µF
SMD0805
Any
C2,C29
1 nF
SMD0805
Any
C5,C14,C15,C17,C21,
C22,C24,C28,C31
100 nF
SMD0805
Any
C6,C8
15 pF
SMD0805
Any
C7,C10
10 nF
SMD0805
Any
C9,C11
12 pF
SMD0805
Any
C12
4.7 µF
SMD1206
Any
C16,C30
4.7 µF
Tantulum SMD
EIA 3216-
18/Size A
Any
C13
22 nF
SMD0805
Any
C18
200 nF/630 V
Leaded
Vishay/BC
Components
BFC2 383 20204
Digi-Key
BC1857-ND
C19
220 µF/16 V
Leaded
Panasonic -
ECG
EEU-FC1C221
Digi-Key
P11199-ND
C25
1 nF/500 V
Leaded
Vishay/BC
Components
D102K25Y5PL63L6R
Digi-Key
1457PH-ND
C26
100 µF/50 V
Leaded
Panasonic -
ECG
ECE-A1HN101U
Digi-Key
P1284-ND
Table 13.
BOM (continued)
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part number
Supplier
Supplier ordering
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com