Electronic Components Datasheet Search
  English  ▼

X  

UM1529 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1529
Description  This document describes the functioning
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1529 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1529 Datasheet HTML 25Page - STMicroelectronics UM1529 Datasheet HTML 26Page - STMicroelectronics UM1529 Datasheet HTML 27Page - STMicroelectronics UM1529 Datasheet HTML 28Page - STMicroelectronics UM1529 Datasheet HTML 29Page - STMicroelectronics UM1529 Datasheet HTML 30Page - STMicroelectronics UM1529 Datasheet HTML 31Page - STMicroelectronics UM1529 Datasheet HTML 32Page - STMicroelectronics UM1529 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Appendix D
Bill of material
Table 13.
BOM
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part number
Supplier
Supplier ordering
code
ST devices
U1
STPM metering
engine
TSSOP20
ST
STPM10BTR
STPM10BTR
U2
STM8L
microcontroller
LQFP48
ST
STM8L152C6T6
STM8L152C6T6
U3
EEPROM 32 Kb
SO8
ST
M24C32-RMN6TP
M24C32-RMN6TP
U5
Voltage reference
TO92
ST
TL431AIZ
TL431AIZ
D5,D11,D12,D13,D14
Small signal diode
SOD-523
ST
BAT30KFILM
BAT30KFILM
D6,D7
Diode Schottky
40 V 1 A
DO-41
ST
1N5819
1N5819
Dual interface
EEPROM to be
mounted on
daughterboard and
connected to J4
M24LR64-R dual
interface EEPROM
SO-8
ST
M24LR64-RMN6T/2
M24LR64-RMN6T/2
Crystal and
oscillator
Y1
4194.304 kHz
oscillator
2-pin (3.5mm)
ECS Inc
ECS-42-12-4X
Digi-Key
X1046-ND
Y2
32.768 kHz
oscillator
2-pin
(Cylindrical)
Abracon
Corporation
AB26T-32.768KHZ
Digi-Key
535-9032-ND
Connectors
and jumpers
J1
Swim connector
(SMT, 4-pin, 1.27
mm pitch)
SMD
ERNI
ERNI
ERNI
284697
J2
3-pin connector
3-pin (2.54 mm)
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com