Electronic Components Datasheet Search
  English  ▼

X  

UM1529 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1529
Description  This document describes the functioning
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1529 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1529 Datasheet HTML 27Page - STMicroelectronics UM1529 Datasheet HTML 28Page - STMicroelectronics UM1529 Datasheet HTML 29Page - STMicroelectronics UM1529 Datasheet HTML 30Page - STMicroelectronics UM1529 Datasheet HTML 31Page - STMicroelectronics UM1529 Datasheet HTML 32Page - STMicroelectronics UM1529 Datasheet HTML 33Page - STMicroelectronics UM1529 Datasheet HTML 34Page - STMicroelectronics UM1529 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Misc.
components
SW3
LCD_PUSH switch
Leaded
Tyco
Electronics
1555986
Farnell
FSM10JH
J3
LCD glass 18x4
22-pin
connector
OPT6089A
PIE
Electronics
PIE Electronics
MOV1
SUR absorber 10
mm 750 V 2500 A
ZNR
Leaded
Panasonic -
ECG
ERZ-V10D751
Digikey
P7260-ND
RS1
Current sensing
resistors
5WATT.0003OHM
1%
Leaded
ISABELLENH
UTTE
BKW-M-R0003-5.0
Electric
center
BKW-M-R0003-5.0
CT1
Current transformer
Leaded
VACUUMSCH
MELZE (VAC)
T60404-E4626-X002
Vacuumsc
hmelze
T60404-E4626-X002
BT1
BATTERY LITHIUM
COIN 3 V W/TABS
Leaded
Panasonic -
BSG
CR-2032/F4N
Digi-Key
P245-ND
BT2
BATT LITH COIN 3
V 23 MM 50 MA
VERT
Leaded
Panasonic -
BSG
VL-2330/VCN
Digi-Key
P086-ND
Table 13.
BOM (continued)
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part number
Supplier
Supplier ordering
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com